Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD8367S Datasheet(PDF) 3 Page - Analog Devices

Part # AD8367S
Description  Variable Gain Amplifier with Automatic Gain Control Detector
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8367S Datasheet(HTML) 3 Page - Analog Devices

  AD8367S Datasheet HTML 1Page - Analog Devices AD8367S Datasheet HTML 2Page - Analog Devices AD8367S Datasheet HTML 3Page - Analog Devices AD8367S Datasheet HTML 4Page - Analog Devices AD8367S Datasheet HTML 5Page - Analog Devices AD8367S Datasheet HTML 6Page - Analog Devices AD8367S Datasheet HTML 7Page - Analog Devices AD8367S Datasheet HTML 8Page - Analog Devices AD8367S Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 19 page
background image
VPS Supply Voltage (VPSO=VPSI=VPS) ...................................................................................................5.5 V
Enable (ENBL) pin voltage ..........................................................................................................VPS + 200 mV
MODE select voltage (MODE) ................................................................................................... VPS + 200 mV
VGAIN control voltage (GAIN).....................................................................................................................1.2 V
Input voltage (INPT) ........................................................................................................................... ± 600 mV
Internal power dissipation .....................................................................................................................200 mW
Storage Temperature Range................................................................................................
– 65 °C to +150 °C
Lead Temperature (Soldering 10 Sec)...................................................................................................+300 °C
Maximum Junction Temperature (TJ).......................................................................................................125 °C
Thermal resistance, junction-to-case (
JC)..........................................................................................74 C/W
Thermal resistance, junction-to-ambient (
JA)....................................................................................92 C/W
VPS Supply Voltage (VPSO=VPSI=VPS) ...................................................................................3.0 V to 5.25 V
Ambient operating temperature range (TA)..................................................................................-55
C to +110C
Minimum Frequency................................................................................................................................ 10 MHz
Maximum Frequency............................................................................................................................. 500 MHz
Input Stage (From INPT to ICOM)
Maximum Input to avoid input overload........................................................................................... 700 mVpp
Input Resistance ................................................................................................................................... 200
Ω
Output Stage (VOUT)
Output Centering DC Bias Voltage 3/ ............................................................................................. VPSO/2 V
Output Source Resistance ...................................................................................................................... 5
0 Ω
Maximum Output Voltage Swing RL = 1 kΩ ...................................................................................... 4.3 Vp-p
Maximum Output Voltage Swing RL = 200 Ω .................................................................................... 3.5 Vp-p
Square Law Detector (DETO, CAGC = 100pF)
AGC Small Signal Response Time (6 dBm INPT step
) …………………….………………………………. 1 us
AGC Step Response Time (INPT step down to <-36dBm from -16dBm, -55C<TA<110C) .................... 6 us
AGC Step Response Time (INPT step up to -16dBm from <-36dBm, -55C<TA<110C, VPS=5V) ......... 2 us
AGC Step Response Time (INPT step up to -16dBm from <-36dBm, -55C<TA<110C, VPS=3V) ......... 5 us
Enable Interface (ENBL)
Enable Turn On Time (-55C<TA<110C)
(Time delay following ENBL LO to HI transition until VOUT settled to <10% final value)........................ 3 us
Enable Turn Off Time (-55C<TA<110C)
(Time delay following ENBL HI to LO transition until IS <2mA).............................................................. 15 us



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com