Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD8367S Datasheet(PDF) 11 Page - Analog Devices

Part # AD8367S
Description  Variable Gain Amplifier with Automatic Gain Control Detector
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8367S Datasheet(HTML) 11 Page - Analog Devices

Back Button AD8367S Datasheet HTML 7Page - Analog Devices AD8367S Datasheet HTML 8Page - Analog Devices AD8367S Datasheet HTML 9Page - Analog Devices AD8367S Datasheet HTML 10Page - Analog Devices AD8367S Datasheet HTML 11Page - Analog Devices AD8367S Datasheet HTML 12Page - Analog Devices AD8367S Datasheet HTML 13Page - Analog Devices AD8367S Datasheet HTML 14Page - Analog Devices AD8367S Datasheet HTML 15Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 19 page
background image
diagram of the amplifier. The main signal path consists of a voltage controlled 0 dB to 45 dB variable attenuator
followed by a 42.5 dB fixed gain amplifier. The AD8367S
is designed to operate optimally in a 200 Ω impedance
system.
Figure 3 Simplified Architecture
The variable attenuator consists of a 200 Ω single-ended resistive ladder that is comprised of nine 5 dB sections and
an interpolator that selects the attenuation factor. Each tap point down the ladder network further attenuates the input
signal by a fixed decibel factor. Gain control is achieved by sensing different tap points with variable transconductance
stages. Based on the gain control voltage, an interpolator selects which stages are active. For example, if only the first
stage is active, the 0 dB tap point is sensed; if the last stage is active, the 45 dB tap point is sensed. Attenuation
levels that fall between tap points are achieved by having neighboring gm stages active simultaneously, creating a
weighted average of the discrete tap point attenuations. In this way, a smooth monotonic attenuation function is
synthesized, that is, linear-in-dB with a very precise scaling.
The gain of the AD8367S can be an increasing or decreasing function of the control voltage, VGAIN, depending on
whether the MODE pin is pulled HI or LO. When the MODE pin is pulled HI, the gain increases with VGAIN, as shown
in Figure 4.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com