Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SSD1850Z Datasheet(PDF) 36 Page - List of Unclassifed Manufacturers

Part # SSD1850Z
Description  CMOS LCD Segment / Common Driver with Controller
PDF  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

SSD1850Z Datasheet(HTML) 36 Page - List of Unclassifed Manufacturers

Back Button SSD1850Z Datasheet HTML 32Page - List of Unclassifed Manufacturers SSD1850Z Datasheet HTML 33Page - List of Unclassifed Manufacturers SSD1850Z Datasheet HTML 34Page - List of Unclassifed Manufacturers SSD1850Z Datasheet HTML 35Page - List of Unclassifed Manufacturers SSD1850Z Datasheet HTML 36Page - List of Unclassifed Manufacturers SSD1850Z Datasheet HTML 37Page - List of Unclassifed Manufacturers SSD1850Z Datasheet HTML 38Page - List of Unclassifed Manufacturers SSD1850Z Datasheet HTML 39Page - List of Unclassifed Manufacturers SSD1850Z Datasheet HTML 40Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 36 / 56 page
background image
SSD1850/51 Series
Rev 1.2
01/2003
SOLOMON
32
MAXIMUM RATINGS
Symbol
Parameter
Value
Unit
VDD
-0.3 to 4.0
V
VCC
Supply voltage
VSS-0.3 to
VSS+18.0
V
VCI
Booster Supply Voltage
VDD to 4.0
V
Vin
Input Voltage
VSS-0.3 to
VDD+0.3
V
I
Current Drain Per Pin Excluding VDD
and VSS
25
mA
TA
Operating Temperature
-40 to +80
oC
Tstg
Storage Temperature Range
-65 to +150
oC
ELECTRICAL CHARACTERISTICS
(Voltages Referenced to VSS, VDD=1.8 to 3.3V, TA=-40 to 85°C; unless otherwise specified.)
Symbol
Parameter
Test Condition
Min
Typ
(at 25°C)
Max
Unit
VDD
Logic Circuit Supply Voltage
Range
Voltage Generator Circuit Supply
Voltage Range
(Absolute value referenced to VSS)
1.8
2.7
3.3
V
IAC
IDP1
IDP2
ISB
ISLEEP
Access Mode Supply Current
Drain (VDD Pins)
Display Mode Supply Current
Drain (VDD Pins)
Display Mode Supply Current
Drain (VDD Pins)
Standby Mode Supply Current
Drain (VDD Pins)
Sleep Mode Supply Current Drain
(VDD Pins)
VDD = 2.7V, Voltage Generator On,
4X Converter Enabled,
Write accessing, Tcyc = 3.3MHz,
Osc. Freq.=31kHz, Display On.
VDD = 2.7V, VCC = 10.8V,
Voltage Generator Off, Divider
Enabled, Read/Write Halt,
Osc. Freq.=31kHz, Display On,
VL6=9V
VDD = 2.7V, Vcc=10.8V, Voltage
Generator On, 4x DC-DC Converter
Enabled Divider Enabled,
Read/Write Halt, Osc. Freq.=31kHz,
Display On, VL6 = 9V.
VDD = 2.7V, LCD Driving Waveform
Off, Osc. Freq. 31KHz, Read/Write
halt.
VDD = 2.7V, LCD Driving Waveform
Off, Oscillator Off, Read/Write halt.
-
-
-
-
-
750
40
200
27
0.5
800
60
500
40
2.5
µΑ
µΑ
µA
µA
µA
VCC
VLCD
LCD Driving Voltage Generator
Output (VCC Pin)
DC-DC Converter Efficiency
LCD Driving Voltage Input (VCCPin)
Display On, Voltage Generator
Enabled, DC/DC Converter Enabled,
Osc. Freq. = 31kHz, Regulator
Enabled, Divider Enabled.
ICC < 20uA
Voltage Generator Disabled.
VDD
95
4.0
-
99
-
15.0
15.0
V
%
V
* Maximum Ratings are those values beyond which damage to the
device may occur. Functional operation should be restricted to the limits
in the Electrical Characteristics tables or Pin Description section.
This device contains circuitry to protect the inputs
against damage due to high static voltages or
electric fields; however, it is advised that normal
precautions to be taken to avoid application of any
voltage higher than maximum rated voltages to
this high impedance circuit. For proper operation
it is recommended that Vin and Vout be
constrained to the range VSS < or = (Vin or VOUT)
< or = VDD. Reliability of operation is enhanced if
unused inputs are connected to an appropriate
logic voltage level (e.g., either VSS or VDD).
Unused outputs must be left open. This device
may be light sensitive. Caution should be taken to
avoid exposure of this device to any light source
during normal operation. This device is not
radiation protected.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com