Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SSD1850Z Datasheet(PDF) 46 Page - List of Unclassifed Manufacturers

Part # SSD1850Z
Description  CMOS LCD Segment / Common Driver with Controller
PDF  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

SSD1850Z Datasheet(HTML) 46 Page - List of Unclassifed Manufacturers

Back Button SSD1850Z Datasheet HTML 42Page - List of Unclassifed Manufacturers SSD1850Z Datasheet HTML 43Page - List of Unclassifed Manufacturers SSD1850Z Datasheet HTML 44Page - List of Unclassifed Manufacturers SSD1850Z Datasheet HTML 45Page - List of Unclassifed Manufacturers SSD1850Z Datasheet HTML 46Page - List of Unclassifed Manufacturers SSD1850Z Datasheet HTML 47Page - List of Unclassifed Manufacturers SSD1850Z Datasheet HTML 48Page - List of Unclassifed Manufacturers SSD1850Z Datasheet HTML 49Page - List of Unclassifed Manufacturers SSD1850Z Datasheet HTML 50Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 46 / 56 page
background image
SSD1850/51 Series
Rev 1.2
01/2003
SOLOMON
42
Application Circuit: DC-DC Converter Circuit Configuration
SSD1850/51 IC works from 2X to 6X DC-DC converter. For the capacitor connections, please refer to
below circuit diagrams. Note that if the capacitor connection does not match with the software setting of
DC-DC Converter Factor (0x64~0x67), abnormal current consumption will be observed.
*Note: Capacitor value = 1.0uF to 4.7uF
*Note: SSD1850 works up to 5X only.
Vss
Vcc
C5P
C3P
C1N
C1P
C2P
C2N
C4P
+
-
-
+
-
+
3X Converter
Vss
VCC
C5P
C3P
C1N
C1P
C2P
C2N
C4P
+
-
-
+
-
+
+
4X Converter
+
-
Vss
VCC
C5P
C3P
C1N
C1P
C2P
C2N
C4P
+
-
-
+
-
+
+
+
6X Converter
Vss
Vcc
C5P
C3P
C1N
C1P
C2P
C2N
C4P
-
+
-
+
2X Converter
Vss
VCC
C5P
C3P
C1N
C1P
C2P
C2N
C4P
-
+
-
+
+
5X Converter
-
+
+



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com