Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SSD1850Z Datasheet(PDF) 5 Page - List of Unclassifed Manufacturers

Part # SSD1850Z
Description  CMOS LCD Segment / Common Driver with Controller
PDF  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

SSD1850Z Datasheet(HTML) 5 Page - List of Unclassifed Manufacturers

  SSD1850Z Datasheet HTML 1Page - List of Unclassifed Manufacturers SSD1850Z Datasheet HTML 2Page - List of Unclassifed Manufacturers SSD1850Z Datasheet HTML 3Page - List of Unclassifed Manufacturers SSD1850Z Datasheet HTML 4Page - List of Unclassifed Manufacturers SSD1850Z Datasheet HTML 5Page - List of Unclassifed Manufacturers SSD1850Z Datasheet HTML 6Page - List of Unclassifed Manufacturers SSD1850Z Datasheet HTML 7Page - List of Unclassifed Manufacturers SSD1850Z Datasheet HTML 8Page - List of Unclassifed Manufacturers SSD1850Z Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 56 page
background image
SOLOMON SYSTECH LIMITED
SOLOMON SYSTECH LIMITED
SOLOMON SYSTECH LIMITED
SOLOMON SYSTECH LIMITED
SEMICONDUCTOR TECHNICAL DATA
This document contains information on a new product. Specification and information herein are subject to change without notice.
Copyright
 2002 SOLOMON Systech Limited
Rev 1.2
01/2003
SSD1850/51
Advance Information
CMOS
LCD Segment / Common Driver with Controller
SSD1850/51 is a single-chip CMOS LCD driver with controller for liquid crystal dot-matrix graphic
display system. SSD1850 consists of 194 high voltage driving output pins for driving 128 Segments and
64 Commons and 1 icon line. SSD1851 consists of 210 high voltage driving output pins for driving 128
Segments and 80 Commons and 1 icon line.
SSD1850/51 display data directly from their internal 128x65x2 / 128x81x2 bits Graphic Display
Data RAM (GDDRAM). Data/Commands are sent from general MCU through hardware selectable 6800-
/8080-series compatible Parallel Interface or 3/4 wires Serial Peripheral Interface.
SSD1850/51 embeds a DC-DC Converter, a LCD Voltage Regulator, an On-Chip Bias Divider
and an On-Chip Oscillator which reduce the number of external components. With the special design on
minimizing power consumption and die/package layout, SSD1850/51 is suitable for any portable battery-
driven applications requiring long operation period and compact size.
FEATURES
128x64/80 + 1 icon line, 4 gray-levels Graphic Display
Programmable Multiplex ratio [16Mux - 65Mux/81Mux]
Single Supply Operation, 1.8 V - 3.3V
Low Current Sleep Mode(<1.0 uA)
On-Chip Voltage Generator / External Power Supply
Software selectable 2X / 3X / 4X / 5X / 6X On-Chip DC-DC Converter
On-Chip Oscillator
On-Chip Bias Dividers
Programmable 1/4, 1/5, 1/6, 1/7, 1/8, 1/9 and 1/10 bias ratio
Maximum +15.0V LCD Driving Output Voltage
Hardware pin selectable for 8-bit 6800-series Parallel Interface, 8-bit 8080-series Parallel Interface, 3-wire Serial
Peripheral Interface or 4-wire Serial Peripheral Interface
On-Chip 128x65x2 / 128x81x2 Graphic Display Data RAM
Re-mapping of Row and Column Drivers
Vertical Scrolling
Display Offset Control
64 Level Internal Contrast Control
External Contrast Control
Maximum 15MHz SPI or 10MHz PPI (8 bit) operation
Selectable LCD Driving Voltage Temperature Coefficients (2 settings)
Available in Gold Bump Die, Standard TAB (Tape Automated Bonding) Package and COF (Chip On Foil)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com