Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BAS716 Datasheet(PDF) 1 Page - Micro Commercial Components

Part # BAS716
Description  225mW 75Volt Switching Diode
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MCC [Micro Commercial Components]
Direct Link  http://www.mccsemi.com
Logo MCC - Micro Commercial Components

BAS716 Datasheet(HTML) 1 Page - Micro Commercial Components

  BAS716 Datasheet HTML 1Page - Micro Commercial Components BAS716 Datasheet HTML 2Page - Micro Commercial Components BAS716 Datasheet HTML 3Page - Micro Commercial Components  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
BAS
716
225mW 75Volt
Switching Diode
SOD-523
Features
Low Reverse Current
Fast Switching Speed
Operating Temperature: -55 C to +150 C
Storage Temperature: -55 C to +150 C
Maximum Thermal Resistance;
556 C/W Junction To Ambient
Electrical Characteristics @ 25 C Unless Otherwise Specified
DC Reverse Voltage
VR
75V
Reverse breakdown
voltage
V(BR)R
75V
IR=100
µA
Forward Current
IF
200mA
Power Dissipation
PD
225mW
Peak Forward Surge
Current
IFSM
1.0A
Maximum
Instantaneous
Forward Voltage
VF
900mV
1000mV
1
100mV
1250mV
IF = 1mA
IF = 10mA;
IF = 50mA
IF = 150mA
Maximum DC
Reverse Current At
Rated DC Blocking
Voltage
IR
5nA
80nA
VR=75Volts
Typical Diode
Capacitance
CD
2pF
Measured at
1.0MHz, VR=0V
Reverse Recovery
Time
Trr
3us
IF=IR=10mAdc,
Irr=0.1*IR
Revision:
A
20
16/01/28
 omponents
20736 Marilla
Street Chatsworth

 !"#
$%    !"#
A
B
E
C
H
G
D
F
DIMENSIONS
INCHES
MM
DIM
MIN
MAX
MIN
MAX
NOTE
A
.059
.067
1.50
1.70
B
.043
.051
1.10
1.30
C
.030
.033
0.75
0.85
D
.001
.003
0.01
0.07
E
.010
.014
0.25
0.35
F
.003
.006
0.08
0.15
G
.020
.028
0.50
0.70
H
.020
.031
0.51
0.77
0.6mm
1.1mm
Suggested Solder Pad Layout
0.8mm
www.mccsemi.com
1 of 3
Marking :
S1
•
Lead Free Finish/Rohs Compliant("P"Suffix designates
Compliant. See ordering information)
•
Epoxy meets UL 94 V-0 flammability rating
•
Moisture Sensitivity Level 1
Maximum Ratings
•
Halogen free available upon request by adding suffix "-HF"
Micro Commercial Components
M C C
R
VR=
100Volts


Similar Part No. - BAS716

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
BAS716 PHILIPS-BAS716 Datasheet
61Kb / 8P
Low-leakage diode
2003 Nov 07
BAS716 NXP-BAS716 Datasheet
76Kb / 9P
Low-leakage diode
2003 Nov 07
logo
SHIKUES Electronics
BAS716 SKTECHNOLGY-BAS716 Datasheet
410Kb / 2P
High speed Switching Diode
logo
Nexperia B.V. All right...
BAS716 NEXPERIA-BAS716 Datasheet
186Kb / 9P
Low-leakage diode
2 October 2020
logo
Nanjing International G...
BAS716 DGNJDZ-BAS716 Datasheet
1Mb / 4P
SOD-523 Plastic-Encapsulate Transistors
More results

Similar Description - BAS716

ManufacturerPart #DatasheetDescription
logo
Taiwan Semiconductor Co...
BAS16 TSC-BAS16_09 Datasheet
96Kb / 2P
225mW SMD Switching Diode
logo
Micro Commercial Compon...
BAS16X MCC-BAS16X Datasheet
235Kb / 3P
150mW 75Volt Switching Diode
BAS116 MCC-BAS116 Datasheet
153Kb / 2P
225mW Switching Diode
logo
Taiwan Semiconductor Co...
BAS21 TSC-BAS21_10 Datasheet
125Kb / 3P
225mW SMD Switching Diode
logo
Micro Commercial Compon...
BAS21A MCC-BAS21A_13 Datasheet
234Kb / 2P
225mW 250Volt Switching Diode
BAS116 MCC-BAS116_13 Datasheet
193Kb / 2P
225mW Switching Diode
logo
Taiwan Semiconductor Co...
BAS16 TSC-BAS16_14 Datasheet
211Kb / 4P
225mW SMD Switching Diode
BAS70 TSC-BAS70_14 Datasheet
187Kb / 4P
225mW SMD Switching Diode
BAW56 TSC-BAW56_14 Datasheet
125Kb / 4P
225mW SMD Switching Diode
logo
Zibo Seno Electronic En...
BAW56 ZSELEC-BAW56 Datasheet
75Kb / 2P
225mW SMD Switching Diode
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com