Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

OVTL09LG3G Datasheet(PDF) 4 Page - TT Electronics.

Part # OVTL09LG3G
Description  Lednium Series Optimal X
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TTELEC [TT Electronics.]
Direct Link  http://www.ttelectronics.com/
Logo TTELEC - TT Electronics.

OVTL09LG3G Datasheet(HTML) 4 Page - TT Electronics.

  OVTL09LG3G Datasheet HTML 1Page - TT Electronics. OVTL09LG3G Datasheet HTML 2Page - TT Electronics. OVTL09LG3G Datasheet HTML 3Page - TT Electronics. OVTL09LG3G Datasheet HTML 4Page - TT Electronics. OVTL09LG3G Datasheet HTML 5Page - TT Electronics. OVTL09LG3G Datasheet HTML 6Page - TT Electronics. OVTL09LG3G Datasheet HTML 7Page - TT Electronics. OVTL09LG3G Datasheet HTML 8Page - TT Electronics. OVTL09LG3G Datasheet HTML 9Page - TT Electronics. Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 14 page
background image
Issue B.2 07/08
Page 4 of 14
OPTEK reserves the right to make changes at any time in order to improve design and to supply the best product possible.
OPTEK Technology Inc. —
1645 Wallace Drive, Carrollton, Texas 75006
Phone: (972) 323-2200 or (800) 341-4747 FAX: (972) 323-2396 visibleLED@optekinc.com www.optekinc.com
450
500
V3
V4
G1
G2
550
G2V3
G2V4
G1V3
G1V4
Lednium Series Optimal X
OVTL09LG3 Series
Standard Bins
Lamps are sorted to luminous flux (Φ) and forward voltage (VF) bins shown. Orders may be filled with any or all bins
contained as below.
Important Notes:
1.
All ranks will be included per delivery, rank ratio will be based on the chip distribution.
2.
To designate forward voltage and luminous flux ranks, please contact OPTEK.
Dominant Wavelength 455-465nm
OVTL09LG3A (AMBER)
(IF = 1.05A)
Dominant Wavelength 590-600nm
Forward Voltage (VF)
200
V1
V2
A2V1
A2V2
A1V1
A1V2
A1
275
7.0
8.0
6.0
OVTL09LG3B (BLUE)
(IF = 1.05A)
Forward Voltage (VF)
9.5
90
110
V3
V4
B1
B2
10.5
11.5
130
B2V3
B1V3
B1V4
B2V4
OVTL09LG3G (GREEN)
(IF = 1.05 mA)
Dominant Wavelength 510-520nm
9.5
11.5
10.5
Forward Voltage (VF)
350
A2
OVTL09LG3C (CYAN)
(IF = 1.05A)
Dominant Wavelength 500-510nm
Forward Voltage (VF)
300
350
V3
V4
T1
T2
9.5
11.5
400
10.5
T2V3
T1V3
T1V4
T2V4



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com