Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

OVTL09LG3G Datasheet(PDF) 7 Page - TT Electronics.

Part # OVTL09LG3G
Description  Lednium Series Optimal X
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TTELEC [TT Electronics.]
Direct Link  http://www.ttelectronics.com/
Logo TTELEC - TT Electronics.

OVTL09LG3G Datasheet(HTML) 7 Page - TT Electronics.

Back Button OVTL09LG3G Datasheet HTML 3Page - TT Electronics. OVTL09LG3G Datasheet HTML 4Page - TT Electronics. OVTL09LG3G Datasheet HTML 5Page - TT Electronics. OVTL09LG3G Datasheet HTML 6Page - TT Electronics. OVTL09LG3G Datasheet HTML 7Page - TT Electronics. OVTL09LG3G Datasheet HTML 8Page - TT Electronics. OVTL09LG3G Datasheet HTML 9Page - TT Electronics. OVTL09LG3G Datasheet HTML 10Page - TT Electronics. OVTL09LG3G Datasheet HTML 11Page - TT Electronics. Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 14 page
background image
Issue B.2 07/08
Page 7 of 14
OPTEK reserves the right to make changes at any time in order to improve design and to supply the best product possible.
OPTEK Technology Inc. —
1645 Wallace Drive, Carrollton, Texas 75006
Phone: (972) 323-2200 or (800) 341-4747 FAX: (972) 323-2396 visibleLED@optekinc.com www.optekinc.com
Lednium Series Optimal X
OVTL09LG3x Series
Spatial Intensity Distribution
Normalized Spectral Intensity vs Angular Displacement
Angle (degrees)
-
-80
-60
-40
-20
0
20
40
60
80
100
In the diagram below if each parallel group of three LEDs is a single color the luminous flux produced is a
mixture or R + G + B. To change the emission level of any group (color), and therefore the color of the mixed light,
the current passing through each group must be changed, yet the circuit current remains a constant value. The
means of doing this is to shunt current away from a group while allowing the total circuit current to remain constant.
By controlling the operating point of the three shunt transistors, the operating current of each group of LEDs
can be independently and continuously adjusted. The transistors will turn OFF (short across) each strip individually
when they are ON. The frequency for PWMs should be high to eliminate flickering (more than 20KHz preferred).
Controlling the ON time for each strip will control the average intensity of each strip in order to color-mix the RGB
Turtle.
Red PWM
Green PWM
Blue PWN
R1 - 10K
Common
3
2
1
Current
Source
R1 - 10K
R1 - 10K
MGSF1N03LT1G
MGSF1N03LT1G
MGSF1N03LT1G
1
2
3
3
1
2
3
1
2
Dimming and color mixing for OVTL09LG3M



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com