Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

OVTL09LG3G Datasheet(PDF) 5 Page - TT Electronics.

Part # OVTL09LG3G
Description  Lednium Series Optimal X
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TTELEC [TT Electronics.]
Direct Link  http://www.ttelectronics.com/
Logo TTELEC - TT Electronics.

OVTL09LG3G Datasheet(HTML) 5 Page - TT Electronics.

  OVTL09LG3G Datasheet HTML 1Page - TT Electronics. OVTL09LG3G Datasheet HTML 2Page - TT Electronics. OVTL09LG3G Datasheet HTML 3Page - TT Electronics. OVTL09LG3G Datasheet HTML 4Page - TT Electronics. OVTL09LG3G Datasheet HTML 5Page - TT Electronics. OVTL09LG3G Datasheet HTML 6Page - TT Electronics. OVTL09LG3G Datasheet HTML 7Page - TT Electronics. OVTL09LG3G Datasheet HTML 8Page - TT Electronics. OVTL09LG3G Datasheet HTML 9Page - TT Electronics. Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 14 page
background image
Issue B.2 07/08
Page 5 of 14
OPTEK reserves the right to make changes at any time in order to improve design and to supply the best product possible.
OPTEK Technology Inc. —
1645 Wallace Drive, Carrollton, Texas 75006
Phone: (972) 323-2200 or (800) 341-4747 FAX: (972) 323-2396 visibleLED@optekinc.com www.optekinc.com
Lednium Series Optimal X
OVTL09LG3 Series
OVTL09LG3R (RED)
(IF = 1.05A)
Dominant Wavelength 620-630nm
Forward Voltage (VF)
350
V1
V2
R1
Standard Bins
Lamps are sorted to luminous flux (Φ) and forward voltage (VF) bins shown. Orders may be filled with any or all bins
contained as below.
OVTL09LG3W (COOL WHITE)
(IF = 1.05A)
Typical CCT 7000°K (±600°K)
OVTL09LG3WD (DAYLIGHT WHITE)
(IF = 1.05 A)
Typical CCT 5800°K (±600°K)
400
7.0
8.0
6.0
R2V1
R2V2
R1V1
R1V2
450
R2
V3
V4
C2V3
C2V4
C1V3
C1V4
C1
C2
Forward Voltage (VF)
9.5
10.5
11.5
500
550
600
V3
V4
D1
Forward Voltage (VF)
10.5
11.5
9.5
D2V3
D2V4
D1V3
D1V4
500
550
600
D2
OVTL01LGAWW and OVTL01LGAWWS (WARM WHITE)
(IF = 350 mA)
Typical CCT 3500°K (±300°K)
V3
V4
W2V3
W2V4
W1V3
W1V4
W1
W2
Forward Voltage (VF)
9.5
10.5
11.5
400
450
500



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com