Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

OVTL01LGAWD Datasheet(PDF) 6 Page - TT Electronics.

Part # OVTL01LGAWD
Description  Lednium Series Optimal I
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TTELEC [TT Electronics.]
Direct Link  http://www.ttelectronics.com/
Logo TTELEC - TT Electronics.

OVTL01LGAWD Datasheet(HTML) 6 Page - TT Electronics.

Back Button OVTL01LGAWD Datasheet HTML 2Page - TT Electronics. OVTL01LGAWD Datasheet HTML 3Page - TT Electronics. OVTL01LGAWD Datasheet HTML 4Page - TT Electronics. OVTL01LGAWD Datasheet HTML 5Page - TT Electronics. OVTL01LGAWD Datasheet HTML 6Page - TT Electronics. OVTL01LGAWD Datasheet HTML 7Page - TT Electronics. OVTL01LGAWD Datasheet HTML 8Page - TT Electronics. OVTL01LGAWD Datasheet HTML 9Page - TT Electronics. OVTL01LGAWD Datasheet HTML 10Page - TT Electronics.  
Zoom Inzoom in Zoom Outzoom out
 6 / 10 page
background image
Issue B.8 3/09
Page 6 of 10
OPTEK reserves the right to make changes at any time in order to improve design and to supply the best product possible.
OPTEK Technology Inc. —
1645 Wallace Drive, Carrollton, Texas 75006
Phone: (972) 323-2200 or (800) 341-4747 FAX: (972) 323-2396 visibleLED@optekinc.com www.optekinc.com
Lednium Series Optimal I
OVTL01LGA Series
OVTL01LGAWW and OVTL01LGAWWS (WARM WHITE)
(IF = 350 mA)
Typical CCT 3500°K (±300°K)
V3
V4
W2V3
W2V4
W1V3
W1V4
W0V3
W0V4
W1
W2
Forward Voltage (VF)
2.9
3.4
3.7
40
50
Standard Bins
Lamps are sorted to luminous flux (Φ) and forward voltage (VF) bins shown. Orders may be filled with any or all bins
contained as below.
60
0.25
0.27
0.29
0.31
0.33
0.35
0.37
0.39
0.41
0.43
0.45
0.25
0.27
0.29
0.31
0.33
0.35
0.37
0.39
0.41
0.43
0.45
WW
WD
W
White Color Bins
Color
CCT
W
Cool White
7000°K ± 600
WD
Daylight White
5800°K ± 600
WW
Warm White
3500°K ± 300
W0
30



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com