Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

OVTL01LGAWD Datasheet(PDF) 8 Page - TT Electronics.

Part # OVTL01LGAWD
Description  Lednium Series Optimal I
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TTELEC [TT Electronics.]
Direct Link  http://www.ttelectronics.com/
Logo TTELEC - TT Electronics.

OVTL01LGAWD Datasheet(HTML) 8 Page - TT Electronics.

Back Button OVTL01LGAWD Datasheet HTML 2Page - TT Electronics. OVTL01LGAWD Datasheet HTML 3Page - TT Electronics. OVTL01LGAWD Datasheet HTML 4Page - TT Electronics. OVTL01LGAWD Datasheet HTML 5Page - TT Electronics. OVTL01LGAWD Datasheet HTML 6Page - TT Electronics. OVTL01LGAWD Datasheet HTML 7Page - TT Electronics. OVTL01LGAWD Datasheet HTML 8Page - TT Electronics. OVTL01LGAWD Datasheet HTML 9Page - TT Electronics. OVTL01LGAWD Datasheet HTML 10Page - TT Electronics.  
Zoom Inzoom in Zoom Outzoom out
 8 / 10 page
background image
Issue B.8 3/09
Page 8 of 10
OPTEK reserves the right to make changes at any time in order to improve design and to supply the best product possible.
OPTEK Technology Inc. —
1645 Wallace Drive, Carrollton, Texas 75006
Phone: (972) 323-2200 or (800) 341-4747 FAX: (972) 323-2396 visibleLED@optekinc.com www.optekinc.com
Typical Electro-Optical Characteristics Curves
1.0
0.8
0.6
0.4
0.2
0.0
780
380
430
480
530
580
630
680
730
Wavelength (nm)
Input Current = 350 mA, TJ = 25° C
Wavelength Characteristics
Lednium Series Optimal I
OVTL01LGA Series
0
100
200
300
400
500
1.72.2
2.73.2
3.7
Voltage (V
F)
Forward Current vs. Forward Voltage
Amber
Red
Green
Blue/White
Input Current = 350 mA, TJ = 25° C
Wavelength Characteristics
1.0
0.8
0.6
0.4
0.2
0.0
780
200
300
400
500
600
700
Wavelength (nm)
—— Cyan
1.0
0.8
0.6
0.4
0.2
0.0
Wavelength Characteristics
780
200
300
400
500
600
700
—— Daylight White
Input Current = 350 mA, TJ = 25° C
Wavelength (nm)
Input Current = 350 mA, TJ = 25° C
Wavelength Characteristics
Wavelength (nm)
1.0
0.8
0.6
0.4
0.2
0.0 200 300
500
400
600
700 780
—— Cool White
Wavelength (nm)
Wavelength Characteristics
Input Current = 350 mA, TJ = 25° C
780
1.0
0.8
0.6
0.4
0.2
0.0
—— Warm White
200
300
400
500
600
700



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com