Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

OVTL01LGAWD Datasheet(PDF) 9 Page - TT Electronics.

Part # OVTL01LGAWD
Description  Lednium Series Optimal I
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TTELEC [TT Electronics.]
Direct Link  http://www.ttelectronics.com/
Logo TTELEC - TT Electronics.

OVTL01LGAWD Datasheet(HTML) 9 Page - TT Electronics.

Back Button OVTL01LGAWD Datasheet HTML 2Page - TT Electronics. OVTL01LGAWD Datasheet HTML 3Page - TT Electronics. OVTL01LGAWD Datasheet HTML 4Page - TT Electronics. OVTL01LGAWD Datasheet HTML 5Page - TT Electronics. OVTL01LGAWD Datasheet HTML 6Page - TT Electronics. OVTL01LGAWD Datasheet HTML 7Page - TT Electronics. OVTL01LGAWD Datasheet HTML 8Page - TT Electronics. OVTL01LGAWD Datasheet HTML 9Page - TT Electronics. OVTL01LGAWD Datasheet HTML 10Page - TT Electronics.  
Zoom Inzoom in Zoom Outzoom out
 9 / 10 page
background image
OPTEK reserves the right to make changes at any time in order to improve design and to supply the best product possible.
Issue B.8 3/09
Page 9 of 10
OPTEK Technology Inc. —
1645 Wallace Drive, Carrollton, Texas 75006
Phone: (972) 323-2200 or (800) 341-4747 FAX: (972) 323-2396 visibleLED@optekinc.com www.optekinc.com
% Normalized Luminosity at
Junction Temperature (° C)
0
25
50
75
100
125
OVTLO1LGAA(S)
125
100
85
70
60
45
OVTLO1LGAB(S)
107
100
95
87
75
65
OVTLO1LGAG(S)
110
100
95
85
70
65
OVTLO1LGAR(S)
135
100
90
75
65
50
OVTLO1LGAW(S)
105
100
93
82
68
60
OPTEK
Part
Number
OVTLO1LGAWD(S)
105
100
93
82
68
60
OVTLO1LGAWW(S)
105
100
93
82
68
60
Luminosity normalized to TJ = 25° C
Lednium Series Optimal I
OVTL01LGA Series
Typical Electro-Optical Characteristics Curves
Solder Reflow Cycle
T
t
Junction Temperature °C
-
0
20
40
60
80
100 120
140
160
Luminosity normalized to TJ = 25° C
2.0
1.6
1.2
1.0
0.4
0.0
1.8
1.4
0.8
0.2
0.6



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com