Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SLG46532 Datasheet(PDF) 92 Page - Dialog Semiconductor

Part # SLG46532
Description  GreenPAK Programmable Mixed-signal Matrix with Asynchronous State Machine and Dual Supply
PDF  184 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIALOG [Dialog Semiconductor]
Direct Link  http://www.dialog-semiconductor.com/
Logo DIALOG - Dialog Semiconductor

SLG46532 Datasheet(HTML) 92 Page - Dialog Semiconductor

Back Button SLG46532 Datasheet HTML 88Page - Dialog Semiconductor SLG46532 Datasheet HTML 89Page - Dialog Semiconductor SLG46532 Datasheet HTML 90Page - Dialog Semiconductor SLG46532 Datasheet HTML 91Page - Dialog Semiconductor SLG46532 Datasheet HTML 92Page - Dialog Semiconductor SLG46532 Datasheet HTML 93Page - Dialog Semiconductor SLG46532 Datasheet HTML 94Page - Dialog Semiconductor SLG46532 Datasheet HTML 95Page - Dialog Semiconductor SLG46532 Datasheet HTML 96Page - Dialog Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 92 / 184 page
background image
SLG46532_DS_108
Page 91 of 183
SLG46532
9.8.3 4-Bit LUT or 16-Bit Counter / Delay Macrocells Used as 16-Bit Counter / Delay Register Settings
Table 76. CNT/DLY0 Register Settings
Signal Function
Register Bit
Address
Register Definition
LUT4_0 or
Counter0 Select
reg<1193>
0: LUT4_0
1: Counter0
Delay0 Mode Select
or asynchronous
counter reset
reg<1313:1312> 00: on both falling and rising edges (for delay & counter reset)
01: on falling edge only (for delay & counter reset)
10: on rising edge only (for delay & counter reset)
11: no delay on either falling or rising edges / high level reset
Counter/delay0
Clock Source Select
reg<1316:1314> 000: Internal OSC clock
001: OSC/4
010: OSC/12
011: OSC/24
100: OSC/64
101: 25MHz OSC clock
110: External Clock
111: Counter6 Overflow
CNT0/FSM0's Q are
Set to data or Reset
to 0s Selection
reg<1317>
0: Reset to 0s
1: Set to data (Reg<1583:1576, 1591:1584>)
Counter/delay0
Mode Selection
reg<1319:1318> 00: Delay mode
01: One Shot
10: Freq. Detect
11: Counter mode
Counter/delay0
Control Data
reg<1591:1576> 1 - 16384 (Delay Time = [Counter Control Data + 1] / Freq)
CNT/DLY1 Register Settings
Signal Function
Register Bit
Address
Register Definition
LUT4_1 or
Counter1 Select
reg<1192>
0: LUT4_1
1: Counter1
Delay1 Mode Select
or asynchronous
counter reset
reg<1321:1320> 00: on both falling and rising edges (for delay & counter reset)
01: on falling edge only (for delay & counter reset)
10: on rising edge only (for delay & counter reset)
11: no delay on either falling or rising edges / high level reset
Counter/delay1
Clock Source Select
reg<1324:1322> 000: Internal OSC clock
001: OSC/4
010: OSC/12
011: OSC/24
100: OSC/64
101: 25MHz OSC clock
110: External Clock
111: Counter0 Overflow
CNT0/FSM0's Q are
Set to data or Reset
to 0s Selection
reg<1325>
0: Reset to 0s
1: Set to data (Reg<1599:1592, 1607:1600>)
Counter/delay1
Mode Selection
reg<1327:1326> 00: Delay mode
01: One Shot
10: Freq. Detect
11: Counter mode
Counter/delay1
Control Data
reg<1607:1592> 1 - 16384 (Delay Time = [Counter Control Data + 1] / Freq)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com