Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SLG46532 Datasheet(PDF) 21 Page - Dialog Semiconductor

Part # SLG46532
Description  GreenPAK Programmable Mixed-signal Matrix with Asynchronous State Machine and Dual Supply
PDF  184 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIALOG [Dialog Semiconductor]
Direct Link  http://www.dialog-semiconductor.com/
Logo DIALOG - Dialog Semiconductor

SLG46532 Datasheet(HTML) 21 Page - Dialog Semiconductor

Back Button SLG46532 Datasheet HTML 17Page - Dialog Semiconductor SLG46532 Datasheet HTML 18Page - Dialog Semiconductor SLG46532 Datasheet HTML 19Page - Dialog Semiconductor SLG46532 Datasheet HTML 20Page - Dialog Semiconductor SLG46532 Datasheet HTML 21Page - Dialog Semiconductor SLG46532 Datasheet HTML 22Page - Dialog Semiconductor SLG46532 Datasheet HTML 23Page - Dialog Semiconductor SLG46532 Datasheet HTML 24Page - Dialog Semiconductor SLG46532 Datasheet HTML 25Page - Dialog Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 184 page
background image
SLG46532_DS_108
Page 20 of 183
SLG46532
5.10 IDD Estimator
5.11 Timing Estimator
Table 1. Typical Current estimated for each block
Symbol Parameter
Note
VDD/VDD2 = 1.8 V VDD/VDD2 = 3.3V VDD/VDD2 = 5.0V
Unit
I
Current
Chip Quiescent, IDD1
0.45
0.75
1.12
A
Chip Quiescent, IDD2
0.015
0.021
0.029
A
OSC 2 MHz, predivide = 1
41.48
64.00
94.89
A
OSC 2 MHz, predivide = 8
25.68
32.41
43.22
A
OSC 25 kHz, predivide = 1
7.16
7.94
9.25
A
OSC 25 kHz, predivide = 8
6.97
7.60
8.68
A
OSC 25 MHz, predivide = 1
87.25
238.27
428.66
A
OSC 25 MHz, predivide = 1,
Force On
87.25
238.27
428.67
A
OSC 25 MHz, predivide = 8
78.01
212.45
390.17
A
ACMP (each)
54.96
52.64
60.81
A
ACMP with buffer (each)
75.06
72.74
81.25
A
Vref (each)
49.70
47.32
55.60
A
Vref with Buffer (each)
71.93
71.27
79.62
A
Table 2. Typical Delay estimated for each block
Symbol Parameter
Note
VDD/VDD2 = 1.8 V VDD/VDD2 = 3.3V
VDD/VDD2 = 5.0V Unit
rising
falling
rising
falling
rising
falling
tpd
Delay
Digital Input without Schmitt Trig-
ger
42
45
17
19
12
13
ns
tpd
Delay
Digital Input with Schmitt Trigger
42
43
16
17
18
12
ns
tpd
Delay
Low Voltage Digital input
45
428
17
177
12
120
ns
tpd
Delay
Digital input-- PMOS
42
-
17
-
12
-
ns
tpd
Delay
Digital input-- NMOS
-
80
-
27
-
18
ns
tpd
Delay
Output enable from pin,
OE Hi-Z to 1
53
-
21
-
15
-
ns
tpd
Delay
Output enable from pin,
OE Hi-Z to 0
50
-
20
-
14
-
ns
tpd
Delay
LUT2bit(LATCH)
34
33
14
13
10
9
ns
tpd
Delay
LATCH(LUT2bit)
30
34
14
13
10
9
ns
tpd
Delay
LUT3bit(LATCH)
38
37
18
15
13
10
ns
tpd
Delay
LATCH+nRESET(LUT3bit)
45
42
21
17
15
12
ns
tpd
Delay
LUT4bit
28
33
14
13
10
9
ns
tpd
Delay
LUT2bt
19
26
10
10
7
7
ns
tpd
Delay
LUT3bit
28
34
14
13
10
9
ns
tpd
Delay
CNT/DLY
40
38
18
15
13
11
ns
tpd
Delay
P_DLY1C
380
377
166
163
123
120
ns
tpd
Delay
P_DLY2C
720
718
314
312
233
231
ns
tpd
Delay
P_DLY3C
1061
1060
462
460
343
341
ns
tpd
Delay
P_DLY4C
1396
1400
609
609
451
451
ns
tpd
Delay
Filter
200
200
78
78
53
53
ns



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com