Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SLG46532 Datasheet(PDF) 2 Page - Dialog Semiconductor

Part # SLG46532
Description  GreenPAK Programmable Mixed-signal Matrix with Asynchronous State Machine and Dual Supply
PDF  184 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIALOG [Dialog Semiconductor]
Direct Link  http://www.dialog-semiconductor.com/
Logo DIALOG - Dialog Semiconductor

SLG46532 Datasheet(HTML) 2 Page - Dialog Semiconductor

  SLG46532 Datasheet HTML 1Page - Dialog Semiconductor SLG46532 Datasheet HTML 2Page - Dialog Semiconductor SLG46532 Datasheet HTML 3Page - Dialog Semiconductor SLG46532 Datasheet HTML 4Page - Dialog Semiconductor SLG46532 Datasheet HTML 5Page - Dialog Semiconductor SLG46532 Datasheet HTML 6Page - Dialog Semiconductor SLG46532 Datasheet HTML 7Page - Dialog Semiconductor SLG46532 Datasheet HTML 8Page - Dialog Semiconductor SLG46532 Datasheet HTML 9Page - Dialog Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 184 page
background image
SLG46532_DS_108
Page 1 of 183
SLG46532
1.0 Overview
The SLG46532 provides a small, low power component for commonly used mixed-signal functions. The user creates their circuit
design by programming the one time Non-Volatile Memory (NVM) to configure the interconnect logic, the I/O Pins and the macro
cells of the SLG46532. This highly versatile device allows a wide variety of mixed-signal functions to be designed within a very
small, low power single integrated circuit.
The additional power supply (VDD2) on the SLG46532 provides the ability to interface two independent voltage domains within
the same design. Users can configure pins, dedicated to each power supply, as inputs, outputs, or both (controlled dynamically
by internal logic) to both VDD and VDD2 voltage domains. Using the available macro-cells designers can implement mixed-signal
functions bridging both domains or simply pass through level-translation in both High to Low and Low to High directions.
The macro cells in the device include the following:
•
Four Analog Comparators (ACMP)
•
Two Voltage References (Vref)
•
Seventeen Combination Function Macrocells
• Three Selectable DFF/Latch or 2-bit LUTs
• One Selectable Continuous DFF/Latch or 3-bit LUT
• Four Selectable DFF/Latch or 3-bit LUTs
• One Selectable Pipe Delay or 3-bit LUT
• One Selectable Programmable Function Generator or 2-bit LUT
• Five 8-bit delays/counters or 3-bit LUTs
• Two 16-bit delays/counters or 4-bit LUTs
•
State Machine
• Eight States
• Flexible input logic from state transitions
•
Serial Communications
•I2C Protocol compliant
•
Pipe Delay – 16 stage/3 output (Part of Combination Function Macrocell)
•
Programmable Delay
•
Additional Logic Functions
• Two Deglitch Filters with Edge Detectors
• One Inverter
•
Two Oscillators (OSC)
• Configurable 25 kHz/2 MHz
• 25MHz RC Oscillator
•
Crystal Oscillator
•
Power-On-Reset (POR)
•
Eight Byte RAM + OTP User Memory
• RAM Memory space that is readable and writeable via I2C
• User defined initial values transferred from OTP



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com