Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AR166 Datasheet(PDF) 3 Page - Lumins Inc.

Part # AR166
Description  Extruded aluminum driver housing
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LUMINIS [Lumins Inc.]
Direct Link  http://www.luminis.com
Logo LUMINIS - Lumins Inc.

AR166 Datasheet(HTML) 3 Page - Lumins Inc.

  AR166 Datasheet HTML 1Page - Lumins Inc. AR166 Datasheet HTML 2Page - Lumins Inc. AR166 Datasheet HTML 3Page - Lumins Inc.  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
LUMINIS.COM
Luminaires may be altered for design improvement or discontinued without prior notice.
Toll free: 866.586.4647 Fax: 514.683.8872
260 Labrosse, Pointe-Claire (QC) Canada H9R 5L5
LUMINIS
AR166
ARAMIS - LED
3
CK
Surface ceiling mounting option
STM
Heavy duty 45º hang straight swivel,
with 5” Dia. (127) canopy and universal
mounting plate with 7/8” Dia. (22) X36”
Lg. (900) suspension stem. Precut factory
stems are available on request. (Specify
STM with desired length)
SPG
4/18 X 36” lg. Silver braided power cable
c/w on site adjustable suspension cable.
Please add desired length with SPG
suffix.
MOUNTING
ELECTRICAL
OPTIONS
Junction box
opening
Ø 11.00”
(279)
(4) Mtg. holes
Ø 0.300” (7.6)
2.60”
(66)
EMLC2
7W Canopy mount integral 120/277V
Emergency battery pack. For wattage
selection L1L10 through L1L60.
Canopy top view
Ø 15.4”
(391)
16.0”
(406)
Ø 3.5” (5)
Tubular
battery pack
enclosure
EMLC3
7W Suspension mount 120/277V
Emergency battery pack. For wattage
selection L1L10 through L1L60.
4.1”
(104)
12.0” (305)
Max. distance 50ft. (15.2 M)
(4) Mtg. holes
Ø 0.200” (5)
REML2-50
7W Remote mount 120/277V Emergency
battery pack. For wattage selection
L1L10 through L1L60.
10.0”
(254)
10.0”
(254)
ELECTRICAL
13.1”
(340)
MOUNTING
CAT2
Cast aluminum catenary junction box
with (2) 1/2” sealed connectors for
power cable. Ready to accept 1/4”
stainless steel suspension cable.
(Structural design, power cable, stainless
steel catenary cable, cable fittings,
and fittings for mounting to support
structure provided by others.)
11.85”
(301)
1/4” dia.
aircraft cable
Power
cable in
Catenary
junction box
17.4”
(442)
Not available if
DMX/RDM option
is selected
DMX/RDM
4/18 X 36” lg. silver braided power cable
c/w and 36” lg. gray DMX RS-485 cable.
On site adjustable suspension cable.
Please add desired length with suffix.



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com