Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AR166 Datasheet(PDF) 1 Page - Lumins Inc.

Part # AR166
Description  Extruded aluminum driver housing
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LUMINIS [Lumins Inc.]
Direct Link  http://www.luminis.com
Logo LUMINIS - Lumins Inc.

AR166 Datasheet(HTML) 1 Page - Lumins Inc.

  AR166 Datasheet HTML 1Page - Lumins Inc. AR166 Datasheet HTML 2Page - Lumins Inc. AR166 Datasheet HTML 3Page - Lumins Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
LUMINIS.COM
Luminaires may be altered for design improvement or discontinued without prior notice.
Toll free: 866.586.4647 Fax: 514.683.8872
260 Labrosse, Pointe-Claire (QC) Canada H9R 5L5
LUMINIS
TYPE:
QUANTITY:
PROJECT:
CATALOG
NUMBER:
FIXTURE
WATTAGE
VOLTAGE
FINISH
OPTION
OPTION
OPTION
OPTION
MATERIALS
Aramis is made of an extruded aluminum housing designed to optimize
functionality of the driver and solid state components.
- Standard 36” field adjustable silver braided power cord. Longer lengths
available.
- Cast aluminum heat sink to optimize heat management and luminaire
efficacy.
- LED array is mechanically secured and easily removable for maintenance
or upgrade.
ELECTRICAL
LED
DRIVER
Standard driver is 0-10V dimming-ready (dims to 1%) with:
120-277 multi-volt compatibility (50-60Hz), operating
temperature range of -20ºC/-4ºF to +50ºC/122ºF, output over
voltage protection, output over current protection and output
short circuit protection with auto-recovery.
LED
Standard 4000K CCT/80 CRI. Other CCTs available from 2700K
to 5000K. Optional 97 CRI (3000K) for critical color rendering.
See electrical options.
LIFE
125,000hrs L
70B50 (calculated projection from LM-80 data).
FINISH
Polyester powder coating is applied through an electrostatic process and
oven cured for long term finish.
MOUNTING
Maximum weight: 4.7lbs (2.1kg)
Mounts on a standard 4” (102) octagonal electrical box with 3 1/2” (89) C/C
mounting holes.
CERTIFICATION
Tested to UL1598 and CSA 22.2 #250. ETL listed dry location.
Photometric testing per LM79-2008, LED light source with LM80 certified
testing. CE certification on request.
Rated IP20.
AR166
1- 5” Diameter (127) canopy with universal
mounting plate.
2- 36”Lg (914) silver braided power cable
with stainless steel suspension cable
(SPG), with on site adjustment. Longer
lengths available.
3- Extruded aluminum driver housing.
4- LED heat sink.
5- Multi-facet etched aluminum elliptical
50º reflector.
1
AR166
ARAMIS - LED
Pendant
4
1
2
3
5
6”
(152)
12.1”
(307)
36”
(914)
4.8”
(122)


Similar Part No. - AR166

ManufacturerPart #DatasheetDescription
logo
FLEXTRAL
AR16 FLEXTRAL-AR16 Datasheet
333Kb / 1P
Duty Garden Hose
V04.21
AR16-063GNGHTXF050-BR FLEXTRAL-AR16-063GNGHTXF050-BR Datasheet
333Kb / 1P
Duty Garden Hose
V04.21
AR16-063GNGHTXF100-BR FLEXTRAL-AR16-063GNGHTXF100-BR Datasheet
333Kb / 1P
Duty Garden Hose
V04.21
logo
Lumins Inc.
AR160 LUMINIS-AR160 Datasheet
335Kb / 3P
Extruded aluminum driver housing
logo
Clarke International
AR16001 CLARKE-AR16001 Datasheet
3Mb / 16P
POWER WASHER
LS0818 - ISS 10
More results

Similar Description - AR166

ManufacturerPart #DatasheetDescription
logo
Lumins Inc.
PR1240SOLO LUMINIS-PR1240SOLO Datasheet
383Kb / 3P
Extruded aluminum ballast housing.
SY306 LUMINIS-SY306 Datasheet
391Kb / 2P
Extruded aluminum cylindrical driver housing.
SY805 LUMINIS-SY805 Datasheet
380Kb / 2P
Seamless extruded aluminum cylindrical driver housing.
AR160 LUMINIS-AR160 Datasheet
335Kb / 3P
Extruded aluminum driver housing
AR162 LUMINIS-AR162 Datasheet
366Kb / 3P
Extruded aluminum driver housing
AR164 LUMINIS-AR164 Datasheet
348Kb / 3P
Extruded aluminum driver housing.
AR168 LUMINIS-AR168 Datasheet
331Kb / 3P
Extruded aluminum driver housing
AR170 LUMINIS-AR170 Datasheet
445Kb / 4P
Extruded aluminum driver housing
SQ502 LUMINIS-SQ502 Datasheet
122Kb / 2P
Extruded aluminum housing
SQ510 LUMINIS-SQ510 Datasheet
111Kb / 2P
Extruded aluminum housing
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com