Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AR166 Datasheet(PDF) 2 Page - Lumins Inc.

Part # AR166
Description  Extruded aluminum driver housing
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LUMINIS [Lumins Inc.]
Direct Link  http://www.luminis.com
Logo LUMINIS - Lumins Inc.

AR166 Datasheet(HTML) 2 Page - Lumins Inc.

  AR166 Datasheet HTML 1Page - Lumins Inc. AR166 Datasheet HTML 2Page - Lumins Inc. AR166 Datasheet HTML 3Page - Lumins Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
LUMINIS.COM
Luminaires may be altered for design improvement or discontinued without prior notice.
Toll free: 866.586.4647 Fax: 514.683.8872
260 Labrosse, Pointe-Claire (QC) Canada H9R 5L5
LUMINIS
AR166
ARAMIS - LED
STANDARD COLORS
WHT Snow white
BKT Jet black
BZT Bronze
MST Matte silver
GRT Titanium gray
DGT Gun metal
CHT Champagne
SGT Steel gray
BGT English cream
OPTIONAL COLORS
CS
Custom color
RAL RAL# color
(Refer to color chart)
AR166
TYPICAL PHOTOMETRY SUMMARY
2
MODEL#
LED LIGHT SELECTION
VOLTAGE1
FINISH
Please visit our web site www.luminis.com for complete I.E.S. formatted download data.
OPTIONS (Refer to page 3 for details)
LUMINAIRE SELECTION
120V
277V
Optional
347V
SUFFIX
L1L10
L1L20
L1L30
L1L40
L1L50
L1L60
WATTS
11W
18W
29W
38W
45W
56W
DELIVERED
LUMENS
1200
2000
3000
4000
5000
6000
CRI
80
CCT ºK
4000K
MOUNTING
CAT2 Catenary suspension attachment
CK
Surface ceiling mount2
STM
Field cuttable 36” stem (other lengths available, please specify)3
SPG
Longer silver braided power cord. Please add length with option suffix.
ELECTRICAL
FS
Fuse
DMX/RDM DMX/RDM control dim to dark (0%)1
CCT Options - 4000K supplied as standard (Apply multiplier to listed
values for lumens output reference)
K27
2700K CCT 80 CRI (Multiplier 0.91)
K3
3000K CCT 80 CRI (Multiplier 0.94)
K3D
3000K CCT 97 CRI (Multiplier 0.63)
K35
3500K CCT 80 CRI (Multiplier 0.98)
K5
5000K CCT 80 CRI (Multiplier 1.01)
NOTE: Other CCT & higher CRI available, please consult factory.
EMERGENCY
For wattage selection L1L10 through L1L60
REML2-50 Remote mount battery backup for LED, 90 min., 7W Remote
mount to 50ft - 12” Square enclosure with access cover.
EMLC2
Integral battery backup for LED, 90 min., 7W Integral to
luminaire within oversized ceiling canopy.
EMLC3
Integral battery backup for LED, 90 min., 7W Integral to
luminaire within a 3.5” dia. tube mounted vertically below
canopy.4
NOTES
1- Luminaires are factory prewired for 120V unless otherwise specified.
2- Default dimming curve: Logarithmic. Factory set to address one unless otherwise specified. STM not available if DMX/RDM option is selected. Refer to DMX Reference
Guide for more information (available on website).
3- Surface ceiling mount extends OAH of fixture by 1” (25.4).
4- STM not available if DMX/RDM option is selected.
5- STM not available if EMLC3 option is selected.
AR166-L1L60
Descriptive Information
Total delivered lumens: 6052 Lumens
Input watts at 120V: 55.7 W
S/MH = 0.6
Source: LED
CCT/CRI: 4000K/80CRI
Maximum Candela = 11,999 @ 0ºH/0ºV
1
2



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com