Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

OP249GSZ Datasheet(PDF) 10 Page - Analog Devices

Part # OP249GSZ
Description  Precision JFET, High Speed, Dual Operational Amplifier
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

OP249GSZ Datasheet(HTML) 10 Page - Analog Devices

Back Button OP249GSZ Datasheet HTML 6Page - Analog Devices OP249GSZ Datasheet HTML 7Page - Analog Devices OP249GSZ Datasheet HTML 8Page - Analog Devices OP249GSZ Datasheet HTML 9Page - Analog Devices OP249GSZ Datasheet HTML 10Page - Analog Devices OP249GSZ Datasheet HTML 11Page - Analog Devices OP249GSZ Datasheet HTML 12Page - Analog Devices OP249GSZ Datasheet HTML 13Page - Analog Devices OP249GSZ Datasheet HTML 14Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 19 page
background image
Data Sheet
OP249
Rev. I | Page 9 of 18
0.1
0.01
20
100
1k
10k
20k
TA = 25°C
VS = ±15V
VO = 10V p-p
RL = 10kΩ
AV = 1
Figure 18. Distortion vs. Frequency
0.1
0.01
20
100
1k
10k
20k
TA = 25°C
VS = ±15V
VO = 10V p-p
RL = 2kΩ
AV = 10
Figure 19. Distortion vs. Frequency
0.1
0.01
20
100
1k
10k
20k
TA = 25°C
VS = ±15V
VO = 10V p-p
RL = 600kΩ
AV = 10
Figure 20. Distortion vs. Frequency
BANDWIDTH (0.1Hz TO 10Hz)
TA = 25°C, VS = ±15V
+1µV
–1µV
500mV
1s
Figure 21. Low Frequency Noise
10
0
–10
60
50
40
30
20
–20
TA = 25°C
VS = ±15V
AVCL = 100
AVCL = 10
AVCL = 5
AVCL = 1
FREQUENCY (Hz)
1k
10k
100k
1M
10M
100M
Figure 22. Closed-Loop Gain vs. Frequency
10
0
50
40
30
20
FREQUENCY (Hz)
100
1k
10k
100k
1M
10M
TA = 25°C
VS = ±15V
AVCL = 1
AVCL = 10
AVCL = 100
Figure 23. Closed-Loop Output Impedance vs. Frequency



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com