Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

OP249GSZ Datasheet(PDF) 14 Page - Analog Devices

Part # OP249GSZ
Description  Precision JFET, High Speed, Dual Operational Amplifier
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

OP249GSZ Datasheet(HTML) 14 Page - Analog Devices

Back Button OP249GSZ Datasheet HTML 10Page - Analog Devices OP249GSZ Datasheet HTML 11Page - Analog Devices OP249GSZ Datasheet HTML 12Page - Analog Devices OP249GSZ Datasheet HTML 13Page - Analog Devices OP249GSZ Datasheet HTML 14Page - Analog Devices OP249GSZ Datasheet HTML 15Page - Analog Devices OP249GSZ Datasheet HTML 16Page - Analog Devices OP249GSZ Datasheet HTML 17Page - Analog Devices OP249GSZ Datasheet HTML 18Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 19 page
background image
Data Sheet
OP249
Rev. I | Page 13 of 18
APPLICATIONS INFORMATION
+IN
V+
VOUT
V–
–IN
Figure 39. Simplified Schematic (1/2 OP249)
+3V
+18V
+3V
5kΩ
5kΩ
1/2
OP249
1/2
OP249
2
1
3
6
5
4
8
7
–18V
Figure 40. Burn-In Circuit
The OP249 represents a reliable JFET amplifier design,
featuring an excellent combination of dc precision and high
speed. A rugged output stage provides the ability to drive a
600 Ω load and still maintain a clean ac response. The OP249
features a large signal response that is more linear and symmetric
than previously available JFET input amplifiers. Figure 41
compares the large signal response of the OP249 to other
industry-standard dual JFET amplifiers.
Typically, the slewing performance of the JFET amplifier is
specified as a number of V/µs. There is no discussion on the
quality, that is, linearity and symmetry of the slewing response.
10
0%
100
90
A) OP249
10
0%
100
90
B) LT1057
1µs
5V
1µs
5V
Figure 41. Large-Signal Transient Response,
AV = 1, VIN = 20 V p-p, ZL = 2 kΩ//200 pF, VS = ±15 V
The OP249 was carefully designed to provide symmetrically
matched slew characteristics in both the negative and positive
directions, even when driving a large output load.
The slewing limitation of the amplifier determines the maximum
frequency at which a sinusoidal output can be obtained without
significant distortion. However, it is important to note that the
nonsymmetric slewing typical of previously available JFET
amplifiers adds a higher series of harmonic energy content to
the resulting response—and an additional dc output component.
Examples of potential problems of nonsymmetric slewing behavior
can be in audio amplifier applications, where a natural low dis-
tortion sound quality is desired and in servo or signal processing
systems where a net dc offset cannot be tolerated. The linear
and symmetric slewing feature of the OP249 makes it an ideal
choice for applications that exceed the full power bandwidth
range of the amplifier.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com