Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

OP249GSZ Datasheet(PDF) 16 Page - Analog Devices

Part # OP249GSZ
Description  Precision JFET, High Speed, Dual Operational Amplifier
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

OP249GSZ Datasheet(HTML) 16 Page - Analog Devices

Back Button OP249GSZ Datasheet HTML 11Page - Analog Devices OP249GSZ Datasheet HTML 12Page - Analog Devices OP249GSZ Datasheet HTML 13Page - Analog Devices OP249GSZ Datasheet HTML 14Page - Analog Devices OP249GSZ Datasheet HTML 15Page - Analog Devices OP249GSZ Datasheet HTML 16Page - Analog Devices OP249GSZ Datasheet HTML 17Page - Analog Devices OP249GSZ Datasheet HTML 18Page - Analog Devices OP249GSZ Datasheet HTML 19Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 16 / 19 page
background image
Data Sheet
OP249
Rev. I | Page 15 of 18
DAC OUTPUT AMPLIFIER
Unity-gain stability, a low offset voltage of 300 µV typical, and a
fast settling time of 870 ns to 0.01%, makes the OP249 an ideal
amplifier for fast DACs.
For CMOS DAC applications, the low offset voltage of the OP249
results in excellent linearity performance. CMOS DACs, such as
the PM7545, typically have a code-dependent output resistance
variation between 11 kΩ and 33 kΩ. The change in output
resistance, in conjunction with the 11 kΩ feedback resistor, results
in a noise gain change, which causes variations in the offset
error, increasing linearity errors. The OP249 features low offset
voltage error, minimizing this effect and maintaining 12-bit
linearity performance over the full-scale range of the converter.
Because the DAC output capacitance appears at the inputs of
the op amp, it is essential that the amplifier be adequately
compensated. Compensation increases the phase margin and
ensures an optimal overall settling response. The required lead
compensation is achieved with Capacitor C in Figure 48.
+15V
PM7545
12
500Ω
75Ω
AGND
DGND
DATA INPUT
REFERENCE
OR VIN
VDD
0.1µF
VOUT
VDD
RFB
OUT1
DB11 TO DB0
19
18
20
3
VREF
C
33pF
–15V
1
2
3
2
8
4
0.1µF
0.1µF
1
1/2
OP249
Figure 47. Fast Settling and Low Offset Error of the OP249 Enhances CMOS DAC Performance—Unipolar Operation
+15V
PM7545
500Ω
75Ω
AGND
DGND
12
DATA INPUT
VOUT
0.1µF
–15V
1/2
OP249
1/2
OP249
7
5
6
4
R5
10kΩ
1%
R4
20kΩ
1%
R3
10kΩ
1%
1
8
2
3
1
2
3
0.1µF
C
33pF
VDD
0.1µF
REFERENCE
OR VIN
DB11 TO DB0
OUT1
RFB
VDD
VREF
18
20
19
Figure 48. Fast Settling and Low Offset Error of the OP249 Enhances CMOS DAC Performance—Bipolar Operation



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com