Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

XBS013P11R-G Datasheet(PDF) 2 Page - Torex Semiconductor

Part # XBS013P11R-G
Description  Schottky Barrier Diode, 100mA, 30V Type
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOREX [Torex Semiconductor]
Direct Link  http://www.torex.co.jp
Logo TOREX - Torex Semiconductor

XBS013P11R-G Datasheet(HTML) 2 Page - Torex Semiconductor

  XBS013P11R-G Datasheet HTML 1Page - Torex Semiconductor XBS013P11R-G Datasheet HTML 2Page - Torex Semiconductor XBS013P11R-G Datasheet HTML 3Page - Torex Semiconductor XBS013P11R-G Datasheet HTML 4Page - Torex Semiconductor XBS013P11R-G Datasheet HTML 5Page - Torex Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
2/5
XBS013P11R-G
■
TYPICAL PERFORMANCE CHARACTERISTICS
(1) Forward Current vs. Forward Voltage
(2) Reverse Current vs. Reverse Voltage
0.1
1
10
100
0
0.2
0.4
0.6
Forward Voltage: VF (V)
25℃
-25℃
75℃
Ta=125℃
0.01
0.1
1
10
100
1000
010
20
30
Reverse Voltage: VR (V)
25℃
75℃
Ta=125℃
(3) Terminal Capacitance vs. Reverse Voltage
(4) Average Forward Current vs. Operating Temperature
0
5
10
15
20
25
30
010
20
30
Reverse Voltage: VR (V)
0.00
0.05
0.10
0.15
0.20
0
50
100
150
Operating Temperature: Ta (℃)
■
NOTES ON USE
1. Please use this IC within the absolute maximum ratings.
Even within the ratings, in case of high load use continuously such as high temperature, high voltage, high current and thermal stress may
cause reliability degradation of the IC.
2. Torex places an importance on improving our products and their reliability.
We request that users incorporate fail-safe designs and post-aging protection treatment when using Torex products in their systems.



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com