Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

XBS013P11R-G Datasheet(PDF) 3 Page - Torex Semiconductor

Part # XBS013P11R-G
Description  Schottky Barrier Diode, 100mA, 30V Type
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOREX [Torex Semiconductor]
Direct Link  http://www.torex.co.jp
Logo TOREX - Torex Semiconductor

XBS013P11R-G Datasheet(HTML) 3 Page - Torex Semiconductor

  XBS013P11R-G Datasheet HTML 1Page - Torex Semiconductor XBS013P11R-G Datasheet HTML 2Page - Torex Semiconductor XBS013P11R-G Datasheet HTML 3Page - Torex Semiconductor XBS013P11R-G Datasheet HTML 4Page - Torex Semiconductor XBS013P11R-G Datasheet HTML 5Page - Torex Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
3/5
XBS013P11R-G
■
REFERENCE PATTERN LAYOUT
●
SOD-923
Unit : inch (mm)



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com