Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

XBS013P11R-G Datasheet(PDF) 1 Page - Torex Semiconductor

Part # XBS013P11R-G
Description  Schottky Barrier Diode, 100mA, 30V Type
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOREX [Torex Semiconductor]
Direct Link  http://www.torex.co.jp
Logo TOREX - Torex Semiconductor

XBS013P11R-G Datasheet(HTML) 1 Page - Torex Semiconductor

  XBS013P11R-G Datasheet HTML 1Page - Torex Semiconductor XBS013P11R-G Datasheet HTML 2Page - Torex Semiconductor XBS013P11R-G Datasheet HTML 3Page - Torex Semiconductor XBS013P11R-G Datasheet HTML 4Page - Torex Semiconductor XBS013P11R-G Datasheet HTML 5Page - Torex Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
1/5
XBS013P11R-G
Schottky Barrier Diode, 100mA, 30V Type
PRODUCT NAME
PACKAGE
ORDER UNIT
XBS013P11R-G *
SOD-923
8,000pcs/Reel
* The “-G” suffix denotes Halogen and Antimony free as well as
being fully EU RoHS compliant.
ABSOLUTE MAXIMUM RATINGS
Ta=25℃
PARAMETER
SYMBOL
RATINGS
UNITS
Reverse Voltage (DC)
VR
30
V
Forward Current (Average)
IF(AV)
0.1
A
Non Continuous
Forward Surge Current
(8.3 ms single half-sine wave)
IFSM
1
A
Junction Temperature
Tj
125
Storage Temperature
Tstg
-55 to +125
ELECTRICAL CHARACTERISTICS
Ta=25℃
PARAMETER
SYMBOL
TEST CONDITIONS
LIMITS
UNITS
MIN.
TYP.
MAX.
Forward Voltage
VF
IF=10mA
-
-
0.35
V
Reverse Current
IR
VR=10V
-
-
10
μA
ETR16024-001
FEATURES
Low Forward voltage
Ultra Small Package
Environmentally Friendly
: EU RoHS Compliant, Pb Free
APPLICATIONS
Low Current Rectification
PRODUCT NAME
J
PACKAGING INFORMATION
SOD-923
Unit : inch (mm)
MARKING


Similar Part No. - XBS013P11R-G

ManufacturerPart #DatasheetDescription
logo
Torex Semiconductor
XBS013R1DR-12 TOREX-XBS013R1DR-12 Datasheet
87Kb / 3P
Schottky Barrier Diode, 100mA, 30V Type
XBS013R1DR-G TOREX-XBS013R1DR-G Datasheet
87Kb / 3P
Schottky Barrier Diode, 100mA, 30V Type
XBS013R1DR TOREX-XBS013R1DR_12 Datasheet
87Kb / 3P
Schottky Barrier Diode, 100mA, 30V Type
XBS013R1DR TOREX-XBS013R1DR_15 Datasheet
87Kb / 3P
Schottky Barrier Diode
XBS013S15 TOREX-XBS013S15 Datasheet
71Kb / 3P
Schottky Barrier Diode, 100mA, 30V Type
More results

Similar Description - XBS013P11R-G

ManufacturerPart #DatasheetDescription
logo
Torex Semiconductor
XBS013S15 TOREX-XBS013S15 Datasheet
71Kb / 3P
Schottky Barrier Diode, 100mA, 30V Type
XBS013S16 TOREX-XBS013S16 Datasheet
71Kb / 3P
Schottky Barrier Diode, 100mA, 30V Type
XBS013R1DR TOREX-XBS013R1DR_12 Datasheet
87Kb / 3P
Schottky Barrier Diode, 100mA, 30V Type
XBS013S1CR TOREX-XBS013S1CR_12 Datasheet
73Kb / 3P
Schottky Barrier Diode, 100mA, 30V Type
XBS013S16 TOREX-XBS013S16_12 Datasheet
93Kb / 3P
Schottky Barrier Diode, 100mA, 30V Type
XBS013R1DR-12 TOREX-XBS013R1DR-12 Datasheet
87Kb / 3P
Schottky Barrier Diode, 100mA, 30V Type
XBS013S1CR-12 TOREX-XBS013S1CR-12 Datasheet
73Kb / 3P
Schottky Barrier Diode, 100mA, 30V Type
XBS013S15-12 TOREX-XBS013S15-12 Datasheet
91Kb / 3P
Schottky Barrier Diode, 100mA, 30V Type
XBS013S16-12 TOREX-XBS013S16-12 Datasheet
93Kb / 3P
Schottky Barrier Diode, 100mA, 30V Type
XBS013V1DR-12 TOREX-XBS013V1DR-12 Datasheet
88Kb / 3P
Schottky Barrier Diode, 100mA, 30V Type
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com