Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

GKT-VC Datasheet(PDF) 2 Page - Kingtronics International Company

Part # GKT-VC
Description  Aluminum Electrolytic Capacitor
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KINGTRONICS [Kingtronics International Company]
Direct Link  http://www.kingtronics.com
Logo KINGTRONICS - Kingtronics International Company

GKT-VC Datasheet(HTML) 2 Page - Kingtronics International Company

  GKT-VC Datasheet HTML 1Page - Kingtronics International Company GKT-VC Datasheet HTML 2Page - Kingtronics International Company GKT-VC Datasheet HTML 3Page - Kingtronics International Company  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
2
FREQUENCY COEFFICIENT OF ALLOWABLE RIPPLE CURRENT
Frequency
~50Hz
120Hz
300Hz
1KHz
10KHz~
Coefficient
0.7
1.0
1.17
1.36
1.50
DIMENSIONS & MAXIMUM PERMISSIBLE RIPPLE CURRENT&ESR
WV
Parameter
uF
6.3(0J)
10(1A)
16(1C)
Case Size
ØDxL
(mm)
E.S.R. (
Ω) 20
℃ 120Hz
Ripple
current
(mA rms)
at 85℃
120Hz
Case Size
ØDxL
(mm)
E.S.R (
Ω)
20℃
120Hz
Ripple
current
(mA rms) at
85℃ 120Hz
Case Size
ØDxL
(mm)
E.S.R. (
Ω)
20℃
120Hz
Ripple
current
(mA rms) at 85
℃ 120Hz
10
100
4×5.4
34.5
25
22
220
4×5.4
23.5
31
5×5.4
19.6
35
5×5.4
15.7
39
33
330
5×5.4
15.7
39
5×5.4
13.1
43
6.3×5.4
10.5
57
47
470
5×5.4
11.0
47
6.3×5.4
9.2
59
6.3×5.4
7.3
68
100
101
6.3×5.4
5.2
75
6.3×5.4
4.3
76
6.3×7.7
3.5
96
220
221
6.3×7.7
2.4
85
DIMENSIONS & MAXIMUM PERMISSIBLE RIPPLE CURRENT&ESR
WV
Parameter
uF
25(1E)
35(1V)
50(1H)
Case Size
ØDxL
(mm)
E.S.R.
(Ω) 20℃
120Hz,
Ripple
current
(mA rms)
at 85℃
120Hz
Case Size
ØDxL
(mm)
E.S.R. (
Ω)
20℃
120Hz,
Ripple
current
(mA rms) at
85℃ 120Hz
Case Size
ØDxL
(mm)
E.S.R. (
Ω)
20℃
120Hz,
Ripple
current
(mA rms) at
85℃ 120Hz
0.1
0R1
4×5.4
2156
1.0
0.22
R22
4×5.4
980
2.3
0.33
R33
4×5.4
653
3.5
0.47
R47
4×5.4
459
5
1
010
4×5.4
216
10
2.2
2R2
4×5.4
98
15
3.3
3R3
4×5.4
65
18
4.7
4R7
4×5.4
64.2
19
4×5.4
55.1
20
5×5.4
46
23
10
100
5×5.4
30.2
28
5×5.4
25.9
30
6.3×5.4
22
34
22
220
6.3×5.4
13.7
52
6.3×5.4
11.8
54
6.3×7.7
9.8
85
33
330
6.3×5.4
9.1
63
6.3×7.7
7.8
105
47
470
6.3×7.7
6.4
100
6.3×7.7
5.5
110
Please visit our website to get more update data, those data & specification are subject to change without notice.
GKT-VC
Aluminum Electrolytic Capacitor–SMD
Website: www.kingtronics.com
Email: info@kingtronics.com
Tel: (852) 8106 7033
Fax: (852) 8106 7099



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com