Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

GKT-VC Datasheet(PDF) 3 Page - Kingtronics International Company

Part # GKT-VC
Description  Aluminum Electrolytic Capacitor
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KINGTRONICS [Kingtronics International Company]
Direct Link  http://www.kingtronics.com
Logo KINGTRONICS - Kingtronics International Company

GKT-VC Datasheet(HTML) 3 Page - Kingtronics International Company

  GKT-VC Datasheet HTML 1Page - Kingtronics International Company GKT-VC Datasheet HTML 2Page - Kingtronics International Company GKT-VC Datasheet HTML 3Page - Kingtronics International Company  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
3
HOW TO ORDER
GKT
VK
0J
M
220
040054
T
R
|
|
|
|
|
|
|
|
Series
Sub Series
Voltage
1.
Capacitance
Tolerance
2.
Capacitance
3.
Case Size
4.
Packing
5.
Pb
6.
NOTE:
1. Rated Voltage
Code
0G
0J
1A
1C
1E
1V
1H
1J
2A
Voltage
4
6.3
10
16
25
35
50
63
100
2. Capacitance Tolerance
Code
K
M
Q
T
Tolerance
±10%
±20%
+30-10%
+50-10%
3. Capacitance
Code
0R1
R47
010
4R7
100
470
101
471
102
472
103
Capacitance
(µF)
0.1
0.47
1
4.7
10
47
100
470
1000
4700
10000
4. Case Size
Code
040054
050054
063054
080105
100105
125135
160215
Case Size
(mm)
4x5.4
5x5.4
6.3x5.4
8x10.5
10x10.5
12.5x13.5
16x21.5
5. Packing
Code
T
Packing
Tape & Reel
6. Pb
Code
R
Pb
RoHS
Note: Specifications are subject to change without notice.
GKT-VC
Aluminum Electrolytic Capacitor–SMD
Website: www.kingtronics.com
Email: info@kingtronics.com
Tel: (852) 8106 7033
Fax: (852) 8106 7099



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com