Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

GKT-VC Datasheet(PDF) 1 Page - Kingtronics International Company

Part # GKT-VC
Description  Aluminum Electrolytic Capacitor
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KINGTRONICS [Kingtronics International Company]
Direct Link  http://www.kingtronics.com
Logo KINGTRONICS - Kingtronics International Company

GKT-VC Datasheet(HTML) 1 Page - Kingtronics International Company

  GKT-VC Datasheet HTML 1Page - Kingtronics International Company GKT-VC Datasheet HTML 2Page - Kingtronics International Company GKT-VC Datasheet HTML 3Page - Kingtronics International Company  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
1
u Low leakage current (0.5~3.3μA Max.)
u Low cost for replacement of some tantalum applications
u Comply with the RoHS directive
SPECIFICATIONS
OPERATING TEMPERATURE
-40℃ ~ +85℃
Voltage Range
6.3V ~ 50V.DC
Capacitance Range
0.1 ~ 200
μF
Capacitance Tolerance
±20% at 120Hz, 20℃
Leakage Current
Leakage current
≤0.002CV or 0.5μA, whichever is greater
(After 2 minutes’ application of rated voltage)
Dissipation Factor (Tan
δ)
Measurement Frequency: 120Hz, Temperature: 20℃
Rated Voltage (V)
6.3
10
16
25
35
50
Surge Voltage (V)
8.0
13
20
32
44
63
Tan
δ (Max.)
0.24
0.20
0.16
0.14
0.12
0.1
Stability At Low Temp.
Measurement Frequency: 120Hz
Rated Voltage (V)
6.3
10
16,25
35,50
Impedance Ratio
Z(-25℃) / Z(20℃)
4
3
2
2
ZT / Z20 (Max.)
Z(-40℃)/ Z(20℃)
8
6
4
3
Load Life
After 2000 hours application of rated voltage at 85℃, capacitors meet the characteristics requirements listed below.
Capacitance Change
Within ± 25% of initial value
Dissipation Factor
200% or less of initial specified value
Leakage Current
Initial specified value or less
Resistance to Soldering Heat
After reflow soldering and restored at room temperature, they meet the characteristics listed below.
Capacitance Change
Within ± 10% of initial value
Dissipation Factor
Initial specified value or less
Leakage Current
Initial specified value or less
DRAWING (Unit: mm)
*1 Voltage mark for 6.3V is [6V]
*2 Applicable to
Φ6.3*
ΦDxL
4x5.4
5x5.4
6.3x5.4
6.3x7.7
A
2.0
2.2
2.6
2.6
B
4.3
5.3
6.6
6.6
C
4.3
5.3
6.6
6.6
E±0.2
1.0
1.4
1.9
1.9
L
5.4
5.4
5.4
7.7
Please visit our website to get more update data, those data & specification are subject to change without notice.
Website: www.kingtronics.com
Email: info@kingtronics.com
Tel: (852) 8106 7033
Fax: (852) 8106 7099
GKT-VC
Aluminum Electrolytic Capacitor–SMD
FEATURES


Similar Part No. - GKT-VC

ManufacturerPart #DatasheetDescription
logo
Kingtronics Internation...
GKT-VA KINGTRONICS-GKT-VA Datasheet
591Kb / 4P
Aluminum Electrolytic Capacitor?밪MD
GKT-VE KINGTRONICS-GKT-VE Datasheet
247Kb / 3P
Aluminum Electrolytic Capacitor
GKT-VK KINGTRONICS-GKT-VK Datasheet
292Kb / 4P
Aluminum Electrolytic Capacitor
GKT-VL KINGTRONICS-GKT-VL Datasheet
389Kb / 4P
Aluminum Electrolytic Capacitor
GKT-VN KINGTRONICS-GKT-VN Datasheet
244Kb / 3P
Aluminum Electrolytic Capacitor
More results

Similar Description - GKT-VC

ManufacturerPart #DatasheetDescription
logo
Suntan Capacitors
TS13D0-CD297 SUNTAN-TS13D0-CD297 Datasheet
408Kb / 2P
ALUMINUM ELECTROLYTIC CAPACITOR
TS13D3-CD60 SUNTAN-TS13D3-CD60 Datasheet
433Kb / 1P
ALUMINUM ELECTROLYTIC CAPACITOR
TS13DD-CD71C SUNTAN-TS13DD-CD71C Datasheet
120Kb / 1P
ALUMINUM ELECTROLYTIC CAPACITOR
TS13DF-CD71 SUNTAN-TS13DF-CD71 Datasheet
300Kb / 2P
ALUMINUM ELECTROLYTIC CAPACITOR
TS13DG-CD263 SUNTAN-TS13DG-CD263 Datasheet
354Kb / 4P
ALUMINUM ELECTROLYTIC CAPACITOR
TS13DH-CD264 SUNTAN-TS13DH-CD264 Datasheet
915Kb / 4P
ALUMINUM ELECTROLYTIC CAPACITOR
TS13DL-CD117 SUNTAN-TS13DL-CD117 Datasheet
278Kb / 2P
ALUMINUM ELECTROLYTIC CAPACITOR
TS13DM-CD71A SUNTAN-TS13DM-CD71A Datasheet
284Kb / 2P
ALUMINUM ELECTROLYTIC CAPACITOR
TS13DS-CD296 SUNTAN-TS13DS-CD296 Datasheet
193Kb / 4P
ALUMINUM ELECTROLYTIC CAPACITOR
TS13EG-CD135X SUNTAN-TS13EG-CD135X Datasheet
207Kb / 2P
ALUMINUM ELECTROLYTIC CAPACITOR
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com