Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SP0502BAHTG Datasheet(PDF) 5 Page - Littelfuse

Part # SP0502BAHTG
Description  30pF 30kV Unidirectional TVS Array
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LITTELFUSE [Littelfuse]
Direct Link  http://www.littelfuse.com
Logo LITTELFUSE - Littelfuse

SP0502BAHTG Datasheet(HTML) 5 Page - Littelfuse

  SP0502BAHTG Datasheet HTML 1Page - Littelfuse SP0502BAHTG Datasheet HTML 2Page - Littelfuse SP0502BAHTG Datasheet HTML 3Page - Littelfuse SP0502BAHTG Datasheet HTML 4Page - Littelfuse SP0502BAHTG Datasheet HTML 5Page - Littelfuse SP0502BAHTG Datasheet HTML 6Page - Littelfuse SP0502BAHTG Datasheet HTML 7Page - Littelfuse SP0502BAHTG Datasheet HTML 8Page - Littelfuse SP0502BAHTG Datasheet HTML 9Page - Littelfuse  
Zoom Inzoom in Zoom Outzoom out
 5 / 9 page
background image
© 2017 Littelfuse, Inc.
Specifications are subject to change without notice.
Revised: 02/23/17
TVS Diode Arrays (SPA®Diodes)
General Purpose ESD Protection - SP05 Series
P
e
e1
E
3
1
2
E1
b
A1
A
D
C
L1
0
N
M
502B
SP0502BAHTG - SOT23-3
Package
SOT23-3
Pins
3
JEDEC
TO-236
Millimeters
Inches
Min
Max
Min
Max
A
0.89
1.12
0.035
0.044
A1
0.01
0.1
0.0004
0.004
b
0.3
0.5
0.012
0.020
c
0.08
0.2
0.003
0.008
D
2.8
3.04
0.110
0.120
E
2.1
2.64
0.083
0.104
E1
1.2
1.4
0.047
0.055
e
0.95 BSC
0.038 BSC
e1
1.90 BSC
0.075 BSC
L1
0.54 REF
0.021 REF
M
2.29
.090
N
0.95
0.038
O
0.78
.030TYP
P
0.78
.030TYP
P
e
e1
E
3
1
2
E1
b
A1
A
D
C
L1
0
N
M
502B
Package Dimensions — SOT23
O
P
N
M
e
e1
5
4
1
2
3
L1
E1 E
D
A
A1
c
B
504B
SP0504BAHTG - SOT23-5
Package
SOT23-5
Pins
5
JEDEC
MO-178
Millimeters
Inches
Min
Max
Min
Max
A
-
1.45
-
0.057
A1
0
0.15
0
0.006
b
0.3
0.5
0.012
0.020
c
0.08
0.22
0.003
0.009
D
2.75
3.05
0.108
0.120
E
2.6
3.0
0.102
0.118
E1
1.45
1.75
0.057
0.069
e
0.95 BSC
0.038 BSC
e1
1.90 BSC
0.075 BSC
L1
0.60 REF
0.024 REF
M
2.59
.102
N
0.95
.038
O
0.69
.027TYP
P
0.99
.039TYP
O
P
N
M
e
e1
5
4
1
2
3
L1
E1 E
D
A
A1
c
B
504B
Recommended Pad Layout
Recommended Pad Layout
O
P
N
M
b
1
2
3
4
5
6
e
E1
E
505B
e1
L1
D
A
A1
c
SP0505BAHTG - SOT23-6
Package
SOT23-6
Pins
6
JEDEC
MO-178
Millimeters
Inches
Min
Max
Min
Max
A
-
1.45
-
0.057
A1
0
0.15
0
0.006
b
0.3
0.5
0.012
0.020
c
0.08
0.22
0.003
0.009
D
2.75
3.05
0.108
0.120
E
2.6
3.0
0.102
0.118
E1
1.45
1.75
0.057
0.069
e
0.95 BSC
0.038 BSC
e1
1.90 BSC
0.075 BSC
L1
0.60 REF
0.024 REF
M
2.59
.102
N
0.95
0.038
O
0.69
.027TYP
P
0.99
.039TYP
O
P
N
M
b
1
2
3
4
5
6
e
E1
E
505B
e1
L1
D
A
A1
c
Recommended Pad Layout



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com