Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SP0502BAHTG Datasheet(PDF) 8 Page - Littelfuse

Part # SP0502BAHTG
Description  30pF 30kV Unidirectional TVS Array
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LITTELFUSE [Littelfuse]
Direct Link  http://www.littelfuse.com
Logo LITTELFUSE - Littelfuse

SP0502BAHTG Datasheet(HTML) 8 Page - Littelfuse

  SP0502BAHTG Datasheet HTML 1Page - Littelfuse SP0502BAHTG Datasheet HTML 2Page - Littelfuse SP0502BAHTG Datasheet HTML 3Page - Littelfuse SP0502BAHTG Datasheet HTML 4Page - Littelfuse SP0502BAHTG Datasheet HTML 5Page - Littelfuse SP0502BAHTG Datasheet HTML 6Page - Littelfuse SP0502BAHTG Datasheet HTML 7Page - Littelfuse SP0502BAHTG Datasheet HTML 8Page - Littelfuse SP0502BAHTG Datasheet HTML 9Page - Littelfuse  
Zoom Inzoom in Zoom Outzoom out
 8 / 9 page
background image
© 2017 Littelfuse, Inc.
Specifications are subject to change without notice.
Revised: 02/23/17
TVS Diode Arrays (SPA®Diodes)
General Purpose ESD Protection - SP05 Series
Symbol
Millimetres
Inches
Min
Max
Min
Max
A
3.09
3.09
0.122
0.130
B
2.70
2.90
1.106
0.114
C
1.21
1.41
0.048
0.056
d
1.40
1.60
0.055
0.102
E
1.65
0.85
0.065
0.073
F
3.45
3.65
0.133
0.142
P0
4.10
3.90
0.154
0.161
P
4.10
3.90
0.154
0.161
P1
1.90
2.10
0.075
0.083
W
7.90
8.10
0.311
0.319
Embossed Carrier Tape & Reel Specification — SOT143-4
User Feeding Direction
Pin 1
Embossed Carrier Tape & Reel Specification — SC70-3
Symbol
Millimetres
Inches
Min
Max
Min
Max
E
1.65
1.85
0.064
0.073
F
3.45
3.55
0.135
0.139
P2
1.95
2.05
0.077
0.081
D
1.40
1.60
0.055
0.063
D1
1.00
1.25
0.039
0.049
P0
3.90
4.10
0.154
0.161
W
7.70
8.10
0.303
0.318
P
3.90
4.10
0.153
0.161
A0
2.14
2.34
0.084
0.092
B0
2.24
2.44
0.088
0.096
K0
1.12
1.32
0.044
0.052
t
0.27 Max
0.010 Max
User Feeding Direction
Embossed Carrier Tape & Reel Specification — MSOP-8
Millimetres
Inches
Min
Max
Min
Max
E
1.65
1.85
0.065
0.073
F
5.40
5.60
0.213
0.220
D
1.50
1.60
0.059
0.063
D1
1.50 Min
0.059 Min
P0
3.90
4.10
0.154
0.161
W
11.70
12.30
0.461
0.484
P
7.90
8.10
0.311
0.319
A0
5.20
5.40
0.205
0.213
B0
3.30
3.40
0.126
0.134
K0
1.20
1.40
0.047
0.055
t
0.30 ± 0.05
0.012± 0.002
User Feeding Direction
Pin 1 Location



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com