Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SP0502BAHTG Datasheet(PDF) 7 Page - Littelfuse

Part # SP0502BAHTG
Description  30pF 30kV Unidirectional TVS Array
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LITTELFUSE [Littelfuse]
Direct Link  http://www.littelfuse.com
Logo LITTELFUSE - Littelfuse

SP0502BAHTG Datasheet(HTML) 7 Page - Littelfuse

  SP0502BAHTG Datasheet HTML 1Page - Littelfuse SP0502BAHTG Datasheet HTML 2Page - Littelfuse SP0502BAHTG Datasheet HTML 3Page - Littelfuse SP0502BAHTG Datasheet HTML 4Page - Littelfuse SP0502BAHTG Datasheet HTML 5Page - Littelfuse SP0502BAHTG Datasheet HTML 6Page - Littelfuse SP0502BAHTG Datasheet HTML 7Page - Littelfuse SP0502BAHTG Datasheet HTML 8Page - Littelfuse SP0502BAHTG Datasheet HTML 9Page - Littelfuse  
Zoom Inzoom in Zoom Outzoom out
 7 / 9 page
background image
© 2017 Littelfuse, Inc.
Specifications are subject to change without notice.
Revised: 02/23/17
TVS Diode Arrays (SPA®Diodes)
General Purpose ESD Protection - SP05 Series
GENERAL INFORMATION
1. 3000 PIECES PER REEL.
2. ORDER IN MULTIPLES OF FULL REELS ONLY.
3. MEETS EIA-481 REVISION "A" SPECIFICATIONS.
COVER TAPE
USER DIRECTION OF FEED
PIN 1
SOT23-5 (8mm POCKET PITCH)
8.4mm
180mm
14.4mm
13mm
60mm
ACCESS HOLE
8mm TAPE AND REEL
GENERAL INFORMATION
1. 3000 PIECES PER REEL.
2. ORDER IN MULTIPLES OF FULL REELS ONLY.
3. MEETS EIA-481 REVISION "A" SPECIFICATIONS.
COVER TAPE
USER DIRECTION OF FEED
PIN 1
SOT23-3 (8mm POCKET PITCH)
8.4mm
180mm
14.4mm
13mm
60mm
ACCESS HOLE
8mm TAPE AND REEL
Embossed Carrier Tape & Reel Specification — SOT23-3
GENERAL INFORMATION
1. 3000 PIECES PER REEL.
2. ORDER IN MULTIPLES OF FULL REELS ONLY.
3. MEETS EIA-481 REVISION "A" SPECIFICATIONS.
COVER TAPE
USER DIRECTION OF FEED
PIN 1
SOT23-6 (8mm POCKET PITCH)
8.4mm
180mm
14.4mm
13mm
60mm
ACCESS HOLE
8mm TAPE AND REEL
Embossed Carrier Tape & Reel Specification — SOT23-6
Embossed Carrier Tape & Reel Specification — SOT23-5
Symbol
Millimetres
Inches
Min
Max
Min
Max
E
1.65
1.85
0.065
0.073
F
3.40
3.60
0.134
0.142
P2
1.90
2.10
0.075
0.083
D
1.40
1.60
0.055
0.063
P0
3.90
4.10
0.154
0.161
W
7.70
8.30
0.303
0.327
P
3.90
4.10
0.154
0.161
A0
3.05
3.25
0.120
0.128
B0
2.67
2.87
0.105
0.113
K0
1.12
1.32
0.044
0.052
t
0.22
0.24
0.009
0.009
Symbol
Millimetres
Inches
Min
Max
Min
Max
E
1.65
1.85
0.065
0.073
F
3.40
3.60
0.134
0.142
P2
1.90
2.10
0.075
0.083
D
1.40
1.60
0.055
0.063
P0
3.90
4.10
0.154
0.161
W
7.70
8.30
0.303
0.327
P
3.90
4.10
0.154
0.161
A0
3.05
3.25
0.120
0.128
B0
2.67
2.87
0.105
0.113
K0
1.12
1.32
0.044
0.052
t
0.22
0.24
0.009
0.009
Symbol
Millimetres
Inches
Min
Max
Min
Max
E
1.65
1.85
0.065
0.073
F
3.40
3.60
0.134
0.142
P2
1.90
2.10
0.075
0.083
D
1.40
1.60
0.055
0.063
P0
3.90
4.10
0.154
0.161
W
7.70
8.30
0.303
0.327
P
3.90
4.10
0.154
0.161
A0
3.05
3.25
0.120
0.128
B0
2.67
2.87
0.105
0.113
K0
1.12
1.32
0.044
0.052
t
0.22
0.24
0.009
0.009



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com