Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VDP3108B Datasheet(PDF) 49 Page - Micronas

Part # VDP3108B
Description  Video Processor Family
PDF  72 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICRONAS [Micronas]
Direct Link  http://www.micronas.com
Logo MICRONAS - Micronas

VDP3108B Datasheet(HTML) 49 Page - Micronas

Back Button VDP3108B Datasheet HTML 45Page - Micronas VDP3108B Datasheet HTML 46Page - Micronas VDP3108B Datasheet HTML 47Page - Micronas VDP3108B Datasheet HTML 48Page - Micronas VDP3108B Datasheet HTML 49Page - Micronas VDP3108B Datasheet HTML 50Page - Micronas VDP3108B Datasheet HTML 51Page - Micronas VDP3108B Datasheet HTML 52Page - Micronas VDP3108B Datasheet HTML 53Page - Micronas Next Button
Zoom Inzoom in Zoom Outzoom out
 49 / 72 page
background image
PRELIMINARY DATA SHEET
VDP 31xxB
49
Micronas
Short Description
Connection
Type
Pin Name
Pin No.
(if not used)
43
BIN
IN
GNDO
Analog Blue Input
44
FBLIN
IN
GNDO
Fast Blank Input
45
RIN2
IN
GNDO
Analog Red Input 2
46
GIN2
IN
GNDO
Analog Green Input 2
47
BIN2
IN
GNDO
Analog Blue Input 2
48
FBLIN2
IN
GNDO
Fast Blank Input 2
49
CLK20
OUT
LV
20 MHz System Clock Output
50
HOUT
OUT
X
Horizontal Drive Output
51
XTAL1
IN
X
Analog Crystal Input
52
XTAL2
OUT
X
Analog Crystal Output
53
VSTBY
X
Standby Supply Voltage
54
CLK5
OUT
LV
5 MHz Clock Output
55
GNDF
X
Ground, Analog Front-end
56
ISGND
IN
GNDF
Signal Ground for Analog Input
57
VRT
IN
X
Reference Voltage Top, Video ADC
58
VSUPF
X
Supply Voltage, Analog Front-end
59
VOUT
OUT
LV
Analog Video Output
60
CIN
IN
VRT
Analog Chroma Input
61
VIN1
IN
VRT
Analog Video 1 Input
62
VIN2
IN
VRT
Analog Video 2 Input
63
VIN3
IN
VRT
Analog Video 3 Input
64
VIN4
IN
VRT
Analog Video 4 Input
4.3. Pin Descriptions
Pin 1 – Test Input, TEST (Fig. 4–3)
This pin enables factory test modes. For normal opera-
tion it must be connected to ground.
Pin 2 – Reset Input, RESQ (Fig. 4–3)
A low level on this pin resets the VDP 31xxB.
Pin 3 – I2C Bus Clock, SCL (Fig. 4–12)
This pin connects to the I2C bus clock line.
Pin 4 – I2C Bus Data, SDA (Fig. 4–12)
This pin connects to the I2C bus data line.
Pin 5 – Ground (Digital Shield), DSGND
Pin 6, 7, 20–24 – IO Port Expander, PORT[6:0] (Fig.
4–13)
These pins provide an I2C programmable I/O port, which
can be used to read and write slow external signals.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com