Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VDP3108B Datasheet(PDF) 22 Page - Micronas

Part # VDP3108B
Description  Video Processor Family
PDF  72 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICRONAS [Micronas]
Direct Link  http://www.micronas.com
Logo MICRONAS - Micronas

VDP3108B Datasheet(HTML) 22 Page - Micronas

Back Button VDP3108B Datasheet HTML 18Page - Micronas VDP3108B Datasheet HTML 19Page - Micronas VDP3108B Datasheet HTML 20Page - Micronas VDP3108B Datasheet HTML 21Page - Micronas VDP3108B Datasheet HTML 22Page - Micronas VDP3108B Datasheet HTML 23Page - Micronas VDP3108B Datasheet HTML 24Page - Micronas VDP3108B Datasheet HTML 25Page - Micronas VDP3108B Datasheet HTML 26Page - Micronas Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 72 page
background image
PRELIMINARY DATA SHEET
VDP 31xxB
22
Micronas
In each field two sets of measurements can be taken:
a) The picture tube measurement returns results for
– cutoff R
– cutoff G
– cutoff B
– white drive R or G or B (sequentially)
b) The picture measurement returns data on
– active picture maximum current
– active picture minimum current
The tube measurement is automatically started when
the cutoff blue result register is read. Cutoff control for
RGB requires one field only while a complete white-drive
control requires three fields. If the measurement mode
is set to ‘offset check’, a measurement cycle is run with
the cutoff/whitedrive signals set to zero. This allows to
compensate the MADC offset as well as input the
leakage currents. During cutoff and whitedrive measure-
ments, the average beam current limiter function (ref.
2.9.3.) is switched off and a programmable value is used
for the brightness setting. The start line of the tube mea-
surement can be programmed via I2C-bus, the first line
used for the measurement, i.e. measurement of cutoff
red, is 2 lines after the programmed start line.
The picture measurement must be enabled by the con-
trol microprocessor after reading the min./max. result
registers. If a ‘1’ is written into bit 2 in subaddress 25, the
measurement runs for one field. For the next measure-
ment a ‘1’ has to be written again. The measurement is
always started at the beginning of active video.
The vertical timing for the picture measurement is pro-
grammable, and may even be a single line. Also the sig-
nal bandwidth is switchable for the picture measure-
ment.
Two horizontal windows are available for the picture
measurement. The large window is active for the entire
active line. Tube measurement is always carried out with
the small window. Measurement windows for picture
and tube measurement are shown in Figure 2–23.
active video
field 1/ 2
small window for tube
measurement (cutoff, white drive)
large window for active picture
picture meas. start
tube measurement
picture meas. end
Fig. 2–23: Windows for tube and picture measure-
ments
2.9.2. SCART Output Signal
The RGB output of the VDP 31xxB can also be used to
drive a SCART output. In the case of the SCART signal,
the parameter CLMPR (clamping reference) has to be
set to 1. Then, during blanking, the RGB outputs are au-
tomatically set to 50% of the maximum brightness. The
DC offset values can be adjusted with the cutoff parame-
ters CR, CG, and CB. The amplitudes can be adjusted
with the drive parameters WDR, WDG, and WDB.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com