Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VDP3108B Datasheet(PDF) 25 Page - Micronas

Part # VDP3108B
Description  Video Processor Family
PDF  72 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICRONAS [Micronas]
Direct Link  http://www.micronas.com
Logo MICRONAS - Micronas

VDP3108B Datasheet(HTML) 25 Page - Micronas

Back Button VDP3108B Datasheet HTML 21Page - Micronas VDP3108B Datasheet HTML 22Page - Micronas VDP3108B Datasheet HTML 23Page - Micronas VDP3108B Datasheet HTML 24Page - Micronas VDP3108B Datasheet HTML 25Page - Micronas VDP3108B Datasheet HTML 26Page - Micronas VDP3108B Datasheet HTML 27Page - Micronas VDP3108B Datasheet HTML 28Page - Micronas VDP3108B Datasheet HTML 29Page - Micronas Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 72 page
background image
PRELIMINARY DATA SHEET
VDP 31xxB
25
Micronas
10 bit
DAC
Video
3.75mA
blank &
timing
8 bit
ADC
measurm.
9 bit
U/I–DAC
3.75mA
clamp
key
analog
R in
Sense
analog
R out
analog
G out
analog
B out
analog
G in
analog
B in
digital
R in
H
V
measurem.
10
9 bit
DAC
1.5 mA
digital
G in
digital
B in
9 bit
DAC
2.2 mA
10 bit
DAC
Video
3.75mA
10 bit
DAC
Video
3.75mA
9 bit
U/I–DAC
3.75mA
9 bit
U/I–DAC
3.75mA
9 bit
DAC
2.2 mA
9 bit
DAC
2.2 mA
9 bit
DAC
1.5 mA
9 bit
DAC
1.5 mA
Input
I/O
Fig. 2–27: Analog back-end
9 bit
DAC
1.5 mA
9 bit
DAC
1.5 mA
9 bit
DAC
1.5 mA
fast
white drive R
white drive G
white drive B
int . brightness
ext. contrast
ext. brightness
10
10
analog
SVM out
8
8 bit
DAC
SVM
1.88mA
0.94mA
digital
SVM in
750
µA
blanking
750
µA
blanking
750
µA
blanking
serial interface
& mux
clamp
& mux
clamp
& mux
12
12
12
12
blank in
FBL
prio
HCS



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com