Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ACE77LE9 Datasheet(PDF) 3 Page - ACE Technology Co., LTD.

Part # ACE77LE9
Description  High Efficiency Low Noise PFM Step-Up DC/DC Converter
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ACE [ACE Technology Co., LTD.]
Direct Link  http://www.ace-ele.com
Logo ACE - ACE Technology Co., LTD.

ACE77LE9 Datasheet(HTML) 3 Page - ACE Technology Co., LTD.

  ACE77LE9 Datasheet HTML 1Page - ACE Technology Co., LTD. ACE77LE9 Datasheet HTML 2Page - ACE Technology Co., LTD. ACE77LE9 Datasheet HTML 3Page - ACE Technology Co., LTD. ACE77LE9 Datasheet HTML 4Page - ACE Technology Co., LTD. ACE77LE9 Datasheet HTML 5Page - ACE Technology Co., LTD. ACE77LE9 Datasheet HTML 6Page - ACE Technology Co., LTD. ACE77LE9 Datasheet HTML 7Page - ACE Technology Co., LTD. ACE77LE9 Datasheet HTML 8Page - ACE Technology Co., LTD.  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
ACE77LE9
High Efficiency Low Noise PFM Step-Up DC/DC Converter
VER 1.1
3
Block Diagram
Electrical Characteristics
(VIN=3.0V, VCE=3.0V, TA=25°C, unless otherwise noted)
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
V
IN
Input Voltage Range
2.0
6.0
V
V
FB
Feedback Voltage
0.190
0.200
0.210
V
I
FB
FB Pin Bias Current
10
45
100
nA
I
Q
Quiescent Current
V
FB=0.3V
93
120
μA
V
CE=0V
0.4
1.0
F
OSC_MAX
Maximum Switching
Frequency
V
FB=0V
2
MHz
I
Limit
Switching Current Limit
1.6
A
V
CESAT
Switching VCESAT
I
LX=300mA
260
mV
I
LX
Switching Pin Leak
Current
V
LX=5V
0.11
μA
V
CEH
CE Voltage High
CE=0V to 3V
1.5
V
V
CEL
CE Voltage Low
CE=3V to 0V
0.4
V
I
CE
CE pin Bias Current
18
μA
V
OVP
Over Voltage Protection
24
V



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com