Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ACE77LE9 Datasheet(PDF) 1 Page - ACE Technology Co., LTD.

Part # ACE77LE9
Description  High Efficiency Low Noise PFM Step-Up DC/DC Converter
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ACE [ACE Technology Co., LTD.]
Direct Link  http://www.ace-ele.com
Logo ACE - ACE Technology Co., LTD.

ACE77LE9 Datasheet(HTML) 1 Page - ACE Technology Co., LTD.

  ACE77LE9 Datasheet HTML 1Page - ACE Technology Co., LTD. ACE77LE9 Datasheet HTML 2Page - ACE Technology Co., LTD. ACE77LE9 Datasheet HTML 3Page - ACE Technology Co., LTD. ACE77LE9 Datasheet HTML 4Page - ACE Technology Co., LTD. ACE77LE9 Datasheet HTML 5Page - ACE Technology Co., LTD. ACE77LE9 Datasheet HTML 6Page - ACE Technology Co., LTD. ACE77LE9 Datasheet HTML 7Page - ACE Technology Co., LTD. ACE77LE9 Datasheet HTML 8Page - ACE Technology Co., LTD.  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
ACE77LE9
High Efficiency Low Noise PFM Step-Up DC/DC Converter
VER 1.1
1
Description
The ACE77LE9 PFM step-up DC/DC Converter drives white LEDs with a constant current to provide
backlight in cell phones, PDAs, and other hand-held devices. It features allowing series connection of the
white LEDs so that the LED currents are identical for uniform brightness. An enable input can be pulsed
repeatedly to adjust LEDs brightness. The fast 500kHz to 2MHz operation frequency allows for smaller
capacitor and inductor. Fault condition protection uses cycle-by-cycle current limiting to sense maximum
inductor current and over-voltage protection. The 0.2V low reference voltage minimizes the power loss
across the current sense resistor.
The converter can operate from 2V to 6V, and capable of delivering maximum 200mA output current at
4-LEDs application with 3V input voltage. Quiescent current drawn from power source is as low as 120uA.
All of these features make ACE77LE9 be suitable for the portable devices, which are supplied by a single
battery.
Features
Up to 24V Output Voltage
Wide Operation Range: 2V to 6V
Maximum 2MHz Operating Frequency
PWM Dimming Control
Shutdown Current <1μA
Current Limit Cycle-by-Cycle
Low Current Sense Threshold: 200mV
24V Over Output Voltage Protection
Compact SOT23-6 Package
Application
Compact Back Light Module
Power Source for LED
Constant Current Source
Absolute Maximum Ratings
Symbol
Parameter
Value
Unit
V
IN
Supply Voltage on VIN
-0.3 to 8.0
V
V
CE
Voltages on Pin CE
-0.3 to VIN+0.3
V
I
LX
LX Pin Output Current
1.6
A
V
LX
LX Pin Voltage
24
V
P
D
Continuous Power Dissipation
250
mW
T
A
Operating Ambient Temperature
-40 to 85
°C
T
J
Operating Junction Temperature
125
°C
T
STG
Storage Temperature Range
-40 to 150
°C
T
L
Maximum Lead Temperature for
Soldering 10 Seconds
260
°C


Similar Part No. - ACE77LE9

ManufacturerPart #DatasheetDescription
logo
ACE Technology Co., LTD...
ACE7701A ACE-ACE7701A Datasheet
694Kb / 6P
P-Channel Enhancement Mode MOSFET
VER 1.1
ACE7701ABMS+H ACE-ACE7701ABMS+H Datasheet
694Kb / 6P
P-Channel Enhancement Mode MOSFET
VER 1.1
More results

Similar Description - ACE77LE9

ManufacturerPart #DatasheetDescription
logo
SHANGHAI BELLING CO., L...
BL8505 BELLING-BL8505 Datasheet
1Mb / 10P
High Efficiency PFM Step-up DC/DC Converter
logo
ACE Technology Co., LTD...
ACE701 ACE-ACE701 Datasheet
354Kb / 13P
PFM STEP-UP DC/DC Converter with High Efficiency and Low Noise
VER 1.2
ACE714 ACE-ACE714 Datasheet
172Kb / 8P
High Efficiency Low Noise PFM Step-up DC/DC Converter
VER 1.2
logo
SHANGHAI BELLING CO., L...
BL8534 BELLING-BL8534 Datasheet
175Kb / 11P
High Efficiency Low Noise PFM Step-up DC/DC Converter
logo
ACE Technology Co., LTD...
ACE701 ACE-ACE701_12 Datasheet
593Kb / 13P
PFM STEP-UP DC/DC Converter with High Efficiency and Low Noise
VER 1.5
ACE714 ACE-ACE714_12 Datasheet
428Kb / 9P
High Efficiency Low Noise PFM Step-up DC/DC Converter
VER 1.3
logo
Union Semiconductor, In...
UM1661 UNIONSEMI-UM1661 Datasheet
197Kb / 8P
High Efficiency Low Noise PFM Step-Up DC/DC Converter
logo
SHANGHAI BELLING CO., L...
BL8531 BELLING-BL8531 Datasheet
331Kb / 10P
High Efficiency Low Noise PFM Step-up DC-DC Converter
logo
Union Semiconductor, In...
UM1661 UNIONSEMI-UM1661_16 Datasheet
213Kb / 8P
High Efficiency Low Noise PFM Step-Up DC/DC Converter
logo
ELM Technology Corporat...
ELM93 ELM-TECH-ELM93 Datasheet
1Mb / 8P
High efficiency PFM step-up DC/DC converter
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com