Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ACE77LE9 Datasheet(PDF) 7 Page - ACE Technology Co., LTD.

Part # ACE77LE9
Description  High Efficiency Low Noise PFM Step-Up DC/DC Converter
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ACE [ACE Technology Co., LTD.]
Direct Link  http://www.ace-ele.com
Logo ACE - ACE Technology Co., LTD.

ACE77LE9 Datasheet(HTML) 7 Page - ACE Technology Co., LTD.

  ACE77LE9 Datasheet HTML 1Page - ACE Technology Co., LTD. ACE77LE9 Datasheet HTML 2Page - ACE Technology Co., LTD. ACE77LE9 Datasheet HTML 3Page - ACE Technology Co., LTD. ACE77LE9 Datasheet HTML 4Page - ACE Technology Co., LTD. ACE77LE9 Datasheet HTML 5Page - ACE Technology Co., LTD. ACE77LE9 Datasheet HTML 6Page - ACE Technology Co., LTD. ACE77LE9 Datasheet HTML 7Page - ACE Technology Co., LTD. ACE77LE9 Datasheet HTML 8Page - ACE Technology Co., LTD.  
Zoom Inzoom in Zoom Outzoom out
 7 / 8 page
background image
ACE77LE9
High Efficiency Low Noise PFM Step-Up DC/DC Converter
VER 1.1
7
Packing Information
SOT-23-6
Symbol
Dimensions In Millimeters
Dimensions In Inches
Min
Typ
Max
Min
Typ
Max
A
1.013
1.15
1.40
0.040
0.045
0.055
A1
0.00
0.05
0.10
0.000
0.002
0.004
A2
1.00
1.10
1.30
0.039
0.043
0.051
b
0.30
0.50
0.012
0.020
c
0.10
0.15
0.20
0.004
0.006
0.008
D
2.82
3.10
0.111
0.122
E
1.50
1.60
1.70
0.059
0.063
0.067
E1
2.60
2.80
3.00
0.102
0.110
0.118
e
0.95REF
0.037REF
e1
1.90REF
0.075REF
L
0.30
0.60
0.012
0.024
θ
0°
8°
0°
8°



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com