Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ACE5016A Datasheet(PDF) 2 Page - ACE Technology Co., LTD.

Part # ACE5016A
Description  Ultra Low Current Consumption 300mA CMOS Voltage Regulator
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ACE [ACE Technology Co., LTD.]
Direct Link  http://www.ace-ele.com
Logo ACE - ACE Technology Co., LTD.

ACE5016A Datasheet(HTML) 2 Page - ACE Technology Co., LTD.

  ACE5016A Datasheet HTML 1Page - ACE Technology Co., LTD. ACE5016A Datasheet HTML 2Page - ACE Technology Co., LTD. ACE5016A Datasheet HTML 3Page - ACE Technology Co., LTD. ACE5016A Datasheet HTML 4Page - ACE Technology Co., LTD. ACE5016A Datasheet HTML 5Page - ACE Technology Co., LTD. ACE5016A Datasheet HTML 6Page - ACE Technology Co., LTD. ACE5016A Datasheet HTML 7Page - ACE Technology Co., LTD. ACE5016A Datasheet HTML 8Page - ACE Technology Co., LTD. ACE5016A Datasheet HTML 9Page - ACE Technology Co., LTD. Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 11 page
background image
ACE5016A
Ultra Low Current Consumption 300mA CMOS Voltage Regulator
VER 1.1
2
Packaging Type
SOT-23-3
SOT-23-5
SOT-89-3
DFN1*1-4
SOT-23-3
SOT-23-5
SOT-89-3
DFN1*1-4
Pin Name
Function
1
2
1
2
V
SS
Ground
2
5
3
1
V
OUT
Output
3
1
2
4
V
IN
Power input
3.4
3
NC
No Connection
Ordering information
ACE5016A X XX XX + H
BM:SOT-23-3
BN:SOT-23-5
AM:SOT-89-3
IN:DFN1*1-4
Output Voltage:0.9V/1.8V……/5.0V
Pb - free
Halogen - free
A:1%
B:2%



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com