Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ACE5016A Datasheet(PDF) 4 Page - ACE Technology Co., LTD.

Part # ACE5016A
Description  Ultra Low Current Consumption 300mA CMOS Voltage Regulator
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ACE [ACE Technology Co., LTD.]
Direct Link  http://www.ace-ele.com
Logo ACE - ACE Technology Co., LTD.

ACE5016A Datasheet(HTML) 4 Page - ACE Technology Co., LTD.

  ACE5016A Datasheet HTML 1Page - ACE Technology Co., LTD. ACE5016A Datasheet HTML 2Page - ACE Technology Co., LTD. ACE5016A Datasheet HTML 3Page - ACE Technology Co., LTD. ACE5016A Datasheet HTML 4Page - ACE Technology Co., LTD. ACE5016A Datasheet HTML 5Page - ACE Technology Co., LTD. ACE5016A Datasheet HTML 6Page - ACE Technology Co., LTD. ACE5016A Datasheet HTML 7Page - ACE Technology Co., LTD. ACE5016A Datasheet HTML 8Page - ACE Technology Co., LTD. ACE5016A Datasheet HTML 9Page - ACE Technology Co., LTD. Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 11 page
background image
ACE5016A
Ultra Low Current Consumption 300mA CMOS Voltage Regulator
VER 1.1
4
Electrical Characteristics (V
IN=VOUT+1V, CIN=COUT=2.2μF,
T
A=25
OC, unless otherwise specified)
Parameter
Symbol
Conditions
Min
Typ
Max
Units
Output Voltage
V
OUT
IOUT=10mA
V
OUT
*0.98
V
OUT
V
OUT
*1.02
V
V
OUT
*0.99
V
OUT
V
OUT
*1.01
Supply Current
I
SS
I
OUT=0
0.8
2.0
μA
Output Current
I
OUT
V
OUT≥3.0V
300
mA
Dropout Voltage
V
dif
I
OUT=100mA,
V
OUT≥3.0V
300
mV
Load Regulation
∆V
OUT
V
IN= VOUT +1V,
1mA≤I
OUT≤100mA
10
mV
Line Regulation
∆V
OUT
V
OUT
✕
∆V
IN
I
OUT =10mA
V
OUT +1V≤VIN≤6V
0.01
0.3
%/V
Temperature Coefficient
∆V
OUT
V
OUT✕∆TA
I
OUT=10mA,
-40°C<T
A≤85°C
100
ppm
Short Current
I
SHORT
V
OUT =VSS
30
mA
Input Voltage
V
IN
1.8
7.0
V
NOTE:
1.
V
OUT:Specified Output Voltage.
2.
V
OUT (E) :Effective Output Voltage ( Ie. The Output Voltage When VIN = (VOUT +1.0V) and Maintain A
Certain IOUT Value).
3.
V
dif:The
Difference
Of
Output
Voltage
And
Input
Voltage
When
Input
Voltage
Is
Decreased Gradually Till Output Voltage Equals To 98% Of V
OUT (E).



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com