Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ACE5016A Datasheet(PDF) 1 Page - ACE Technology Co., LTD.

Part # ACE5016A
Description  Ultra Low Current Consumption 300mA CMOS Voltage Regulator
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ACE [ACE Technology Co., LTD.]
Direct Link  http://www.ace-ele.com
Logo ACE - ACE Technology Co., LTD.

ACE5016A Datasheet(HTML) 1 Page - ACE Technology Co., LTD.

  ACE5016A Datasheet HTML 1Page - ACE Technology Co., LTD. ACE5016A Datasheet HTML 2Page - ACE Technology Co., LTD. ACE5016A Datasheet HTML 3Page - ACE Technology Co., LTD. ACE5016A Datasheet HTML 4Page - ACE Technology Co., LTD. ACE5016A Datasheet HTML 5Page - ACE Technology Co., LTD. ACE5016A Datasheet HTML 6Page - ACE Technology Co., LTD. ACE5016A Datasheet HTML 7Page - ACE Technology Co., LTD. ACE5016A Datasheet HTML 8Page - ACE Technology Co., LTD. ACE5016A Datasheet HTML 9Page - ACE Technology Co., LTD. Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 11 page
background image
ACE5016A
Ultra Low Current Consumption 300mA CMOS Voltage Regulator
VER 1.1
1
Description
The ACE5016A series are a group of positive voltage regulators manufactured by CMOS technologies
with ultra low power consumption and low dropout voltage, which can prolong battery life in portable
electronics. The ACE5016A series work with low-ESR ceramic capacitors, reducing the amount of board
space necessary for power applications. The series are very suitable for the battery-powered equipments,
such as RF applications and other systems requiring a quiet voltage source.
Features
Low Quiescent Current:
0.8μA
Operating Voltage:1.8V~7V
Output Current: 300mA
Low Dropout Voltage:300mV@100mA
Excellent Line and Load Transient Response
Output Voltage:0.9~ 5.0V
High Accuracy:±2%(Typ.)
Built-in Current Limiter, Short-Circuit Protection
Ceramic Capacitor Compatible
Application
Portable consumer equipments
Laptop, Palmtops and PDA
Digital Still and Video Cameras
MP3, MP4 Player
Radio control systems
Battery-Powered Equipment
Absolute Maximum Ratings Unless otherwise specified, T
A=25°C
Parameter
Symbol
Max
Unit
Input Voltage
VIN
V
SS -0.3~VSS+8
V
Output Current
IOUT
500
mA
Output Voltage
VOUT
V
SS -0.3~VIN+0.3
V
Power Dissipation
SOT-23-3
Pd
250
mW
SOT-23-5
250
SOT-89-3
500
DFN1*1-4
400
Operating Temperature
Topr
-40~85
OC
Storage Temperature
Tstg
-40~125
OC
Soldering Temperature & Time
Tsolder
260℃, 10s


Similar Part No. - ACE5016A

ManufacturerPart #DatasheetDescription
logo
ACE Technology Co., LTD...
ACE50160AM+ ACE-ACE50160AM+ Datasheet
521Kb / 9P
250mA CMOS Low Dropout Voltage Low consumption Regulator
VER 1.2
ACE50160AM+H ACE-ACE50160AM+H Datasheet
807Kb / 10P
250mA CMOS Low Dropout Voltage Low consumption Regulator
VER 1.4
ACE50160BM+ ACE-ACE50160BM+ Datasheet
521Kb / 9P
250mA CMOS Low Dropout Voltage Low consumption Regulator
VER 1.2
ACE50160BM+H ACE-ACE50160BM+H Datasheet
807Kb / 10P
250mA CMOS Low Dropout Voltage Low consumption Regulator
VER 1.4
More results

Similar Description - ACE5016A

ManufacturerPart #DatasheetDescription
logo
Seiko Instruments Inc
S-1206 SII-S-1206 Datasheet
653Kb / 36P
ULTRA LOW CURRENT CONSUMPTION AND LOW DROPOUT CMOS VOLTAGE REGULATOR
logo
New Japan Radio
NJW4184 NJRC-NJW4184 Datasheet
263Kb / 13P
High Voltage Very low current consumption Io=300mA Low Dropout Regulator
logo
Seiko Instruments Inc
S-19200A33A-V5T2U SII-S-19200A33A-V5T2U Datasheet
2Mb / 32P
LOW CURRENT CONSUMPTION LOW DROPOUT CMOS VOLTAGE REGULATOR
logo
ACE Technology Co., LTD...
ACE5017T ACE-ACE5017T Datasheet
857Kb / 8P
300mA Ultra Low Consumption CMOS LDO
VER 1.2
ACE5018T ACE-ACE5018T Datasheet
1Mb / 12P
Ultra Low Current Consumption 300mA CMOS Voltage Regulator
VER 1.1
ACE5019A ACE-ACE5019A Datasheet
859Kb / 12P
18V Low Current Consumption 350mA CMOS Voltage Regulator
VER 1.1
logo
Leshan Radio Company
LR6302 LRC-LR6302 Datasheet
755Kb / 11P
18V Low Current Consumption 300mA CMOS Voltage Regulator
logo
ACE Technology Co., LTD...
ACE575D ACE-ACE575D Datasheet
591Kb / 12P
36V Low Current Consumption 250mA CMOS Voltage Regulator
VER 1.1
logo
ABLIC Inc.
S-1206 ABLIC-S-1206 Datasheet
566Kb / 35P
ULTRA LOW CURRENT CONSUMPTION AND LOW DROPOUT CMOS VOLTAGE REGULATOR
Rev.3.2_02
logo
Shenzhen Huazhimei Semi...
HM6238 HMSEMI-HM6238 Datasheet
372Kb / 8P
Low current consumption 300mA CMOS Voltage Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com