Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MLX90314ABLLW Datasheet(PDF) 20 Page - List of Unclassifed Manufacturers

Part # MLX90314ABLLW
Description  Programmable Sensor Interface
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

MLX90314ABLLW Datasheet(HTML) 20 Page - List of Unclassifed Manufacturers

Back Button MLX90314ABLLW Datasheet HTML 16Page - List of Unclassifed Manufacturers MLX90314ABLLW Datasheet HTML 17Page - List of Unclassifed Manufacturers MLX90314ABLLW Datasheet HTML 18Page - List of Unclassifed Manufacturers MLX90314ABLLW Datasheet HTML 19Page - List of Unclassifed Manufacturers MLX90314ABLLW Datasheet HTML 20Page - List of Unclassifed Manufacturers MLX90314ABLLW Datasheet HTML 21Page - List of Unclassifed Manufacturers MLX90314ABLLW Datasheet HTML 22Page - List of Unclassifed Manufacturers MLX90314ABLLW Datasheet HTML 23Page - List of Unclassifed Manufacturers MLX90314ABLLW Datasheet HTML 24Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 26 page
background image
MLX90314AB
Programmable Sensor Interface
MLX90314AB Programmable Sensor Interface
Page 20
Rev 2.2
23/Oct/01
Table 13. RAM Byte Definitions (continued)
Byte
Functions
Remarks
11
TR3L
PC2L
Third temperature point.
Pressure Coefficient 2 (8LSB).
12
GNTC4L
P2L
Fourth gain TC.
Pressure Point 1 (8LSB).
13
OFTC4L
PC1L
Fourth offset TC.
Pressure Coefficient 1 (8LSB).
14
DIGMOP1L
Fixed pressure (8LSB).
15
GN1[9:8]
OF1[9:8]
Two MSB's of fixed gain
Two MSB's of fixed offset
GN[9:8].
OF[9:8].
16
GNTC1
OFTC1
[11:8]
[11:8]
Four MSB's of first gain TC
Four MSB's of the first
GNTC1[11:8].
offset TC OFTC1[11:8]
17
TR1[9:8]
GNTC2
[11:8]
PC5[11:8]
P5[9:8]
Two MSB's, first temperature
Four MSB's, second gain
point T1[9:8] or
TC GNTC2[11:8] or
Four MSB's Pressure
Two MSB's, Pressure
Coefficient 5 PC5[11:8].
Point 5 P5[9:8]
18
OFTC2[11:8]
TR2
[9:8]
PC4[11:8]
P4[9:8]
Four MSB's, second offset TC
Two MSB's, second temp.
OFTC2[11:8] or
point T2[9:8] or
Four MSB's, Pressure
Two MSB's, Pressure
Coefficient 4 PC4[11:8].
Point 4 P4[9:8].
19
GNTC3[11:8]
OFTC3
[11:8]
PC3[11:8]
P3[9:8]
Four MSB's, Third Gain TC
Four MSB's Third Offset
GNTC3[11:8] or
TC OFTC3[11:8] or
Four MSB's, Pressure
Two MSB's Pressure
Coefficient 3 PC3[11:8]).
Point 3 P3[9:8]
20
TR3[9:8]
GNTC4
[11:8]
PC2[9:8]
P2[9:8]
Two MSB's, third temperature
Four MSB's, Fourth Gain
point t3[9:8] or
TC GNTC4[11:8] or
Four MSB's, Pressure
Two MSB's, Pressure
Coefficient 2 PC2[11:8].
Point 2 P2[9:8].
21
OFTC4[11:8]
P1[9:8]
PC1[11:8]
Four MSB's Fourth Offset TC
Two MSB's Pressure
OFTC4[11:8] or
Point 1 P1[9:8].
Four MSB's Pressure
Coefficient 1 PC1[11:8].
22
PNB_TNB
Same as EEPROM.
23
N_Factor
Temperature filter coefficient — 4 LSB’s, 4 MSB = 0
24
Not Used
25-26
GN
Offset Ordinate of the current gap.
27-28
OF
Gain Ordinate of the current gap.
29
Taddress
4 bits for the max. temperature address of the current gap; 4
bits for the min. temperature address of the current gap.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com