Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MLX90314ABLLW Datasheet(PDF) 25 Page - List of Unclassifed Manufacturers

Part # MLX90314ABLLW
Description  Programmable Sensor Interface
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

MLX90314ABLLW Datasheet(HTML) 25 Page - List of Unclassifed Manufacturers

Back Button MLX90314ABLLW Datasheet HTML 18Page - List of Unclassifed Manufacturers MLX90314ABLLW Datasheet HTML 19Page - List of Unclassifed Manufacturers MLX90314ABLLW Datasheet HTML 20Page - List of Unclassifed Manufacturers MLX90314ABLLW Datasheet HTML 21Page - List of Unclassifed Manufacturers MLX90314ABLLW Datasheet HTML 22Page - List of Unclassifed Manufacturers MLX90314ABLLW Datasheet HTML 23Page - List of Unclassifed Manufacturers MLX90314ABLLW Datasheet HTML 24Page - List of Unclassifed Manufacturers MLX90314ABLLW Datasheet HTML 25Page - List of Unclassifed Manufacturers MLX90314ABLLW Datasheet HTML 26Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 25 / 26 page
background image
MLX902xx Name of Sensor
Rev Y.X
22/Aug/98
Page 25
MLX90314AB
Programmable Sensor Interface
MLX90314AB Programmable Sensor Interface
Page 25
Rev 2.2
23/Oct/01
Pressure
0%
100%
0
170
140oC
25oC
-40oC
Pressure
0%
100%
1
4
140oC
25oC
-40oC
Figure 11b. Conditioned Sensor
Output
Figures
11a
and
11b
above
illustrate
the
performance of an unconditioned sensor output and
a
conditioned
sensor
output
versus
stimulus
(pressure) and temperature. It can be seen that
Figure 11a has a range of only 170 mV (maximum
range with a 5V supply) and has a non-linear
response over a 0-100 psi range. The sensitivity of
the
unconditioned
output
will
also
drift
over
temperature, as illustrated by the three slopes. The
MLX90314 corrects these errors and amplifies the
output to a more usable voltage range as shown in
Figure 11b.
Figure 11. Error Compensation
Table 14. Glossary of Terms
A/D
analog to digital conversion
ADC
analog to digital converter
ASCII
American Standard Code for Information
Interchange
ASIC
application specific integrated circuit
CM
current mode
CMN
current mode negative (supply connection)
CMO
current mode output
COMS
communication, serial
CR
carriage return
CSGN
coarse gain
CSOF
coarse offset
CV
current / voltage mode select bit
DAC
digital to analog converter
DACFnew
filtered DAC value, new
DACFold
filtered DAC value, old
DARDIS
DAC resistor disable
dB
decibel
DOGMO
digital mode
EEPROM
electrically erasable programmable read only
memory
EOC
end of conversion flag bit
ESD
electrostatic discharge
ETMI
timer interrupt enable
ETPI
enable temperature interrupt
FET
field effect transistor
FG
fixed gain
FLT
filter pin
GNO
gain and offset adjusted digitized signal
GNOF
gain, offset
GNTP
temperature gain / offset coarse adjustment
HS
hardware / software limit
I/O
input / output
IFIX
fixed current output value
IINV
input signal invert command bit
ILIM
current limit
kHz
kilohertz, 1000 Hz
LSB
least significant bit
mA
milliamperes, 0.001 amps
MODSEL
mode select
ms
millisecond, 0.001 second
MSB
most significant bit
MUX
multiplexer
mV
millivolts, 0.001 Volts
nF
nanofarads, 1 X 10
-9 farads
OFC
offset control
PC
personal computer, IBM clone
pF
picofarad, 1 X 10
-12 farads
PLL
phase locked loop
POR
power on reset
RAM
random access memory
RISC
reduced instruction set computer
ROM
read only memory
RS-232
industry std. serial communications protocol
RX
receive
SAR
successive approximation register
STC
start A/D conversion
Tdiff
temperature difference
Text
temperature, external
TMI
timer Interrupt
TMP
temperature signal
TPI
temperature interrupt
Tref
temperature reference
TSTB
test mode pin
TX
transmit
UART
universal asynchronous receiver / transmitter
VBN
bridge, positive, input
VBP
bridge, negative, input
VDD
supply voltage
VM
voltage mode
VMGN
voltage mode gain
VMO
voltage mode output
WCB
warn / cold boot
Figure 11a. Raw Sensor Output
(measured between VPB and VBN)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com