Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MLX90314ABLLW Datasheet(PDF) 21 Page - List of Unclassifed Manufacturers

Part # MLX90314ABLLW
Description  Programmable Sensor Interface
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

MLX90314ABLLW Datasheet(HTML) 21 Page - List of Unclassifed Manufacturers

Back Button MLX90314ABLLW Datasheet HTML 17Page - List of Unclassifed Manufacturers MLX90314ABLLW Datasheet HTML 18Page - List of Unclassifed Manufacturers MLX90314ABLLW Datasheet HTML 19Page - List of Unclassifed Manufacturers MLX90314ABLLW Datasheet HTML 20Page - List of Unclassifed Manufacturers MLX90314ABLLW Datasheet HTML 21Page - List of Unclassifed Manufacturers MLX90314ABLLW Datasheet HTML 22Page - List of Unclassifed Manufacturers MLX90314ABLLW Datasheet HTML 23Page - List of Unclassifed Manufacturers MLX90314ABLLW Datasheet HTML 24Page - List of Unclassifed Manufacturers MLX90314ABLLW Datasheet HTML 25Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 26 page
background image
MLX902xx Name of Sensor
Rev Y.X
22/Aug/98
Page 21
MLX90314AB
Programmable Sensor Interface
MLX90314AB Programmable Sensor Interface
Page 21
Rev 2.2
23/Oct/01
Note: Because of space considerations, the measured temperature can’t be kept in the RAM at all times. If
the measured temperature is to be available, the temperature filter variable, N_Factor, must be set to 6.
Table 13. RAM Byte Definitions (continued)
Byte
Functions
Remarks
30
ALARM control byte
IO1/IO2 control byte
Three bits needed for choice of input for ALARM detection
(TPO, IAO, GNO, VMO, IO1 or IO2). Two bits needed for
choice of input for LEVEL-steering (TPO, IAO, GNO or
VMO). These bits are multiplexed according the mode.
Note: if both CMO and VMO are active, then alarm is not
active.
31
ALARM low trigger level
IO1/IO2 level 1
Value below which ALARM will go on.
Value of first level ([IO2,IO1]=00-01).
32
ALARM low output level
IO1/IO2 level 2
Value of DIGMO during “ALARM low” condition.
Value of second level ([IO2,IO1]=01-10).
33
ALARM high trigger
level
IO1/IO2 level 3
Value above which ALARM will go on.
Value of third level ([IO2,IO1] = 10-11).
34
ALARM high output
level
Value of DIGMO during “ALARM high” condition.
35-36
A_16
16 bits A Register.
37-38
B_16
16 bits B Register.
39-42
RESULT_32
32 bits result (for 16 bit multiplication).
43-44
Tempo1
Measured temperature, internal or external, and temporary
variable 1.
45
Tempo2
Temporary variable 2.
46-47
Signal_In
Digitized signal value, analog and digital mode
48
Coms_backup
Address saved when command is send.
49
P3_copy
Port 3 setting copy.
50
Adsav1
Address saved at interrupt.
51-52
Aaccsav
A-Accumulators saved at interrupt.
53
Baccsav
B-Accumulators saved at interrupt.
54-55
DAC_gain
DAC gain (GN).
56-57
DAC_offset
DAC offset (OF).
58-59
Temp_f
Filtered temperature. This is a 10 bit number that is left justi-
fied in a 16 bit field.
60-61
Signal_Out
Digitized linearity corrected signal value. Digital mode only.
62-63
Adsav2
Address saved when call.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com