Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TUSB1044 Datasheet(PDF) 26 Page - Texas Instruments

Click here to check the latest version.
Part # TUSB1044
Description  USB TYPE-C 10 Gbps Multi-Protocol Bi-Directional Linear Redriver
PDF  67 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TUSB1044 Datasheet(HTML) 26 Page - Texas Instruments

Back Button TUSB1044 Datasheet HTML 22Page - Texas Instruments TUSB1044 Datasheet HTML 23Page - Texas Instruments TUSB1044 Datasheet HTML 24Page - Texas Instruments TUSB1044 Datasheet HTML 25Page - Texas Instruments TUSB1044 Datasheet HTML 26Page - Texas Instruments TUSB1044 Datasheet HTML 27Page - Texas Instruments TUSB1044 Datasheet HTML 28Page - Texas Instruments TUSB1044 Datasheet HTML 29Page - Texas Instruments TUSB1044 Datasheet HTML 30Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 26 / 67 page
background image
26
TUSB1044
SLLSF47A – FEBRUARY 2018 – REVISED FEBRUARY 2018
www.ti.com
Product Folder Links: TUSB1044
Submit Documentation Feedback
Copyright © 2018, Texas Instruments Incorporated
Table 4. INPUT to OUTPUT Mapping (continued)
SWAP = L
SWAP = H
From
From
To
From
From
To
DIR1
PIN
DIR0
PIN
CTL1
PIN
CTL0
PIN
FLIP
PIN
Rx EQ
Control
PINS
Input
PIN
Output
PIN
Rx EQ
Control
PINS
Input
PIN
Output
PIN
L
H
H
H
L
DEQ[1:0]
DRX2P
(SSRXP)
URX2P
DEQ[1:0]
URX2P
DRX2P
(SSRXP)
DEQ[1:0]
DRX2N
(SSRXN)
URX2N
DEQ[1:0]
URX2N
DRX2N
(SSRXN)
UEQ[1:0]
UTX2P
DTX2P
(SSTXP)
UEQ[1:0]
DTX2P
(SSTXP)
UTX2P
UEQ[1:0]
UTX2N
DTX2N
(SSTXN)
UEQ[1:0]
DTX2N
(SSTXN)
UTX2N
UEQ[1:0]
URX1P
DRX1P
(DP0P)
UEQ[1:0]
DRX1P
(DP0P)
URX1P
UEQ[1:0]
URX1N
DRX1N
(DP0N)
UEQ[1:0]
DRX1N
(DP0N)
URX1N
UEQ[1:0]
UTX1P
DTX1P
(DP1P)
UEQ[1:0]
DTX1P
(DP1P)
UTX1P
UEQ[1:0]
UTX1N
DTX1N
(DP1N)
UEQ[1:0]
DTX1N
(DP1N)
UTX1N
L
H
H
H
H
DEQ[1:0]
DRX1P
(SSRXP)
URX1P
DEQ[1:0]
URX1P
DRX1P
(SSRXP)
DEQ[1:0]
DRX1N
(SSRXN)
URX1N
DEQ[1:0]
URX1N
DRX1N
(SSRXN)
UEQ[1:0]
UTX1P
DTX1P
(SSTXP)
UEQ[1:0]
DTX1P
(SSTXP)
UTX1P
UEQ[1:0]
UTX1N
DTX1N
(SSTXN)
UEQ[1:0]
DTX1N
(SSTXN)
UTX1N
UEQ[1:0]
URX2P
DRX2P
(DP0P)
UEQ[1:0]
DRX2P
(DP0P)
URX2P
UEQ[1:0]
URX2N
DRX2N
(DP0N)
UEQ[1:0]
DRX2N
(DP0N)
URX2N
UEQ[1:0]
UTX2P
DTX2P
(DP1P)
UEQ[1:0]
DTX2P
(DP1P)
UTX2P
UEQ[1:0]
UTX2N
DTX2N
(DP1N)
UEQ[1:0]
DTX2N
(DP1N)
UTX2N
USB + Custom Alternate Mode (Source Side)
H
L
L
L
L
NA
NA
NA
NA
NA
NA
H
L
L
L
H
NA
NA
NA
NA
NA
NA
H
L
L
H
L
DEQ[1:0]
DRX1P
URX1P
(SSRXP)
DEQ[1:0]
URX1P
(SSTXP)
DRX1P
DEQ[1:0]
DRX1N
URX1N
(SSRXN)
DEQ[1:0]
URX1N
(SSTXN)
DRX1N
UEQ[1:0]
UTX1P
(SSTXP)
DTX1P
UEQ[1:0]
DTX1P
UTX1P
(SSRXP)
UEQ[1:0]
UTX1N
(SSTXN)
DTX1N
UEQ[1:0]
DTX1N
UTX1N
(SSRXN)
H
L
L
H
H
DEQ[1:0]
DRX2P
URX2P
(SSRXP)
DEQ[1:0]
URX2P
(SSTXP)
DRX2P
DEQ[1:0]
DRX2N
URX2N
(SSRXN)
DEQ[1:0]
URX2N
(SSTXN)
DRX2N
UEQ[1:0]
UTX2P
(SSTXP)
DTX2P
UEQ[1:0]
DTX2P
UTX2P
(SSRXP)
UEQ[1:0]
UTX2N
(SSTXN)
DTX2N
UEQ[1:0]
DTX2N
UTX2N
(SSRXN)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com