Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TUSB1044 Datasheet(PDF) 46 Page - Texas Instruments

Click here to check the latest version.
Part # TUSB1044
Description  USB TYPE-C 10 Gbps Multi-Protocol Bi-Directional Linear Redriver
PDF  67 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TUSB1044 Datasheet(HTML) 46 Page - Texas Instruments

Back Button TUSB1044 Datasheet HTML 42Page - Texas Instruments TUSB1044 Datasheet HTML 43Page - Texas Instruments TUSB1044 Datasheet HTML 44Page - Texas Instruments TUSB1044 Datasheet HTML 45Page - Texas Instruments TUSB1044 Datasheet HTML 46Page - Texas Instruments TUSB1044 Datasheet HTML 47Page - Texas Instruments TUSB1044 Datasheet HTML 48Page - Texas Instruments TUSB1044 Datasheet HTML 49Page - Texas Instruments TUSB1044 Datasheet HTML 50Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 46 / 67 page
background image
46
TUSB1044
SLLSF47A – FEBRUARY 2018 – REVISED FEBRUARY 2018
www.ti.com
Product Folder Links: TUSB1044
Submit Documentation Feedback
Copyright © 2018, Texas Instruments Incorporated
Typical Application (continued)
8.2.1 Design Requirements
For this design example, use the parameters shown in Table 24.
Table 24. Design Parameters
PARAMETER
VALUE
A to B PCB trace length, XAB
8 inches (assuming 1 dB/inch at 5GHz).
C to D PCB trace length, XCD
8 inches (assuming 1 dB/inch at 5GHz).
E to F PCB trace length, XEF
1.5 inches (assuming 1 dB/inch at 5GHz).
G to H PCB trace length, XGH
1.5 inches (assuming 1 dB/inch at 5GHz).
PCB trace width
4 mils
AC-coupling capacitor (75 nF to 265 nF)
220 nF
VCC supply (3 V to 3.6 V)
3.3 V
I2C Mode or GPIO Mode
I2C Mode.
1.8V or 3.3V I2C Interface
3.3V I2C. Pull-up the I2C_EN pin to 3.3V with a 1K
ohm resistor.
8.2.2 Detailed Design Procedure
A typical usage of the TUSB1044 device is shown in Figure 36. The device can be controlled either through its
GPIO pins or through its I2C interface. In Figure 36, a Type-C PD controller is used to configure the device
through the I2C interface. In I2C mode, the equalization settings for each receiver can be independently
controlled through I2C registers. For this reason, all of the equalization pins (UEQ[1:0] and DEQ[1:0]) can be left
unconnected. If these pins are left unconnected, the TUSB1044 7-bit I2C slave address is 12h because both
UEQ1/A1 and UEQ0/A0 are at pin level "F". If a different I2C slave address is desired, UEQ1/A1 and UEQ0/A0
pins should be set to a level which produces the desired I2C slave address.
Recent ECN (Engineering Change Notice) to the USB3.1 specification allows for AC-coupling capacitors
between USB receptacle and the USB3.1 receiver pins of a device/host/hub. The TUSB1044 does support the
additional AC-capacitor as depicted in Figure 36 on pins DRX2P/N and DRX1P/N. This AC-coupling capacitor
should be no smaller than 297 nF. A value of 330 nF is recommended.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com