Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TUSB1044 Datasheet(PDF) 36 Page - Texas Instruments

Click here to check the latest version.
Part # TUSB1044
Description  USB TYPE-C 10 Gbps Multi-Protocol Bi-Directional Linear Redriver
PDF  67 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TUSB1044 Datasheet(HTML) 36 Page - Texas Instruments

Back Button TUSB1044 Datasheet HTML 32Page - Texas Instruments TUSB1044 Datasheet HTML 33Page - Texas Instruments TUSB1044 Datasheet HTML 34Page - Texas Instruments TUSB1044 Datasheet HTML 35Page - Texas Instruments TUSB1044 Datasheet HTML 36Page - Texas Instruments TUSB1044 Datasheet HTML 37Page - Texas Instruments TUSB1044 Datasheet HTML 38Page - Texas Instruments TUSB1044 Datasheet HTML 39Page - Texas Instruments TUSB1044 Datasheet HTML 40Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 36 / 67 page
background image
36
TUSB1044
SLLSF47A – FEBRUARY 2018 – REVISED FEBRUARY 2018
www.ti.com
Product Folder Links: TUSB1044
Submit Documentation Feedback
Copyright © 2018, Texas Instruments Incorporated
7.6 Register Maps
7.6.1 TUSB1044 Registers
Table 10 lists the memory-mapped registers for the TUSB1044. All register offset addresses not listed in
Table 10 should be considered as reserved locations and the register contents should not be modified.
Table 10. TUSB1044 Registers
Offset
Acronym
Register Name
Section
Ah
General_1
General Registers 1
Go
Bh
General_2
General Registers 2
Go
Ch
General_3
General Registers 3
Go
10h
UFP2_EQ
UFP2 EQ Control
Go
11h
UFP1_EQ
UFP1 EQ Control
Go
12h
DisplayPort_1
AUX Snoop Status
Go
13h
DisplayPort_2
DP Lane Enable/Disable Control
Go
1Bh
SOFT_RESET
I2C and DPCD Soft Resets
Go
20h
DFP2_EQ
DFP2 EQ Control
Go
21h
DFP1_EQ
DFP1 EQ Control
Go
22h
USB3_MISC
Misc USB3 Controls
Go
23h
USB3_LOS
USB3 LOS Threshold Controls
Go
Complex bit access types are encoded to fit into small table cells. Table 11 shows the codes that are used for
access types in this section.
Table 11. TUSB1044 Access Type Codes
Access Type
Code
Description
Read Type
R
R
Read
RH
H
R
Set or cleared by hardware
Read
Write Type
H
H
Set or cleared by hardware
W
W
Write
WSH
H
W
WS
Set or cleared by hardware
Write
Reset or Default Value
-n
Value after reset or the default value
Register Array Variables
i,j,k,l,m,n
When these variables are used in a register name,
an offset, or an address, they refer to the value of a
register array where the register is part of a group
of repeating registers. The register groups form a
hierarchical structure and the array is represented
with a formula.
y
When this variable is used in a register name, an
offset, or an address it refers to the value of a
register array.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com