Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HT66F005 Datasheet(PDF) 7 Page - Holtek Semiconductor Inc

Part # HT66F005
Description  Cost-Effective A/D Flash MCU with EEPROM
PDF  109 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT66F005 Datasheet(HTML) 7 Page - Holtek Semiconductor Inc

Back Button HT66F005 Datasheet HTML 3Page - Holtek Semiconductor Inc HT66F005 Datasheet HTML 4Page - Holtek Semiconductor Inc HT66F005 Datasheet HTML 5Page - Holtek Semiconductor Inc HT66F005 Datasheet HTML 6Page - Holtek Semiconductor Inc HT66F005 Datasheet HTML 7Page - Holtek Semiconductor Inc HT66F005 Datasheet HTML 8Page - Holtek Semiconductor Inc HT66F005 Datasheet HTML 9Page - Holtek Semiconductor Inc HT66F005 Datasheet HTML 10Page - Holtek Semiconductor Inc HT66F005 Datasheet HTML 11Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 109 page
background image
Rev. 1.30
6
���i� ��� �01�
Rev. 1.30
�
���i� ��� �01�
HT66F005/HT66F006
Cost-Effective A/D Flash MCU with EEPROM
HT66F005/HT66F006
Cost-Effective A/D Flash MCU with EEPROM
General Description
ThedevicesareFlashMemorywith8-bithighperformanceRISCarchitecturemicrocontrollers.
OfferinguserstheconvenienceofFlashMemorymulti-programmingfeatures,thesedevicesalso
includeawiderangeoffunctionsandfeatures.OthermemoryincludesanareaofRAMData
MemoryaswellasanareaoftrueEEPROMmemoryforstorageofnon-volatiledatasuchasserial
numbers,calibrationdataetc.
Analogfeaturesincludeamulti-channel12-bitA/Dconverterfunction.Multipleandextremely
flexibleTimerModulesprovidetiming,andPWMgenerationfunctions.Protectivefeaturessuchas
aninternalWatchdogTimer,LowVoltageResetcoupledwithexcellentnoiseimmunityandESD
protectionensurethatreliableoperationismaintainedinhostileelectricalenvironments.
AfullchoiceofHXT,HIRCandLIRCoscillatorfunctionsareprovidedincludingafullyintegrated
systemoscillatorwhichrequiresnoexternalcomponentsforitsimplementation.Theabilityto
operateandswitchdynamicallybetweenarangeofoperatingmodesusingdifferentclocksources
givesuserstheabilitytooptimisemicrocontrolleroperationandminimisepowerconsumption.
TheinclusionofflexibleI/Oprogrammingfeatures,Time-Basefunctionsalongwithmanyother
featuresensurethatthedeviceswillfindexcellentuseinapplicationssuchaselectronicmetering,
environmentalmonitoring,handheldinstruments,householdappliances,electronicallycontrolled
tools,motordrivinginadditiontomanyothers.
Selection Table
Mostfeaturesarecommontoalldevices,themainfeaturedistinguishingthemistheMemory
capacityonly.Thefollowingtablesummarisesthemainfeaturesofeachdevice.
Part No.
VDD
Program
Memory
Data
Memory
Data
EEPROM I/O
Ext.
Interrupt
A/D
Timer
Module Stack Package
HT66F005
�.�V~
5.5V
0.5K×16
3�×8
3�×8
8
1
1�-bit×4
10-bit
CTM�
�
8DIP/SOP
10MSOP
HT66F006
�.�V~
5.5V
1K×16
64×8
3�×8
8
1
1�-bit×4
10-bit
CTM�
�
8DIP/SOP
10MSOP



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com