Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HT66F005 Datasheet(PDF) 76 Page - Holtek Semiconductor Inc

Part # HT66F005
Description  Cost-Effective A/D Flash MCU with EEPROM
PDF  109 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT66F005 Datasheet(HTML) 76 Page - Holtek Semiconductor Inc

Back Button HT66F005 Datasheet HTML 72Page - Holtek Semiconductor Inc HT66F005 Datasheet HTML 73Page - Holtek Semiconductor Inc HT66F005 Datasheet HTML 74Page - Holtek Semiconductor Inc HT66F005 Datasheet HTML 75Page - Holtek Semiconductor Inc HT66F005 Datasheet HTML 76Page - Holtek Semiconductor Inc HT66F005 Datasheet HTML 77Page - Holtek Semiconductor Inc HT66F005 Datasheet HTML 78Page - Holtek Semiconductor Inc HT66F005 Datasheet HTML 79Page - Holtek Semiconductor Inc HT66F005 Datasheet HTML 80Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 76 / 109 page
background image
Rev. 1.30
�6
���i� ��� �01�
Rev. 1.30
��
���i� ��� �01�
HT66F005/HT66F006
Cost-Effective A/D Flash MCU with EEPROM
HT66F005/HT66F006
Cost-Effective A/D Flash MCU with EEPROM
fSYS
A/D Clock Period (tADCK)
ADCK2,
ADCK1,
ADCK0
=000
(fSYS)
ADCK2,
ADCK1,
ADCK0
=001
(fSYS/2)
ADCK2,
ADCK1,
ADCK0
=010
(fSYS/4)
ADCK2,
ADCK1,
ADCK0
=011
(fSYS/8)
ADCK2,
ADCK1,
ADCK0
=100
(fSYS/16)
ADCK2,
ADCK1,
ADCK0
=101
(fSYS/32)
ADCK2,
ADCK1,
ADCK0
=110
(fSYS/64)
ADCK2,
ADCK1,
ADCK0
=111
1MHz
1μs
2μs
4μs
8μs
16μs*
32μs*
64μs*
Undefined
�MHz
500ns
1μs
2μs
4μs
8μs
16μs*
32μs*
Undefined
4MHz
�50ns*
500ns
1μs
2μs
4μs
8μs
16μs*
Undefined
8MHz
1�5ns*
�50ns*
500ns
1μs
2μs
4μs
8μs
Undefined
1�MHz
83ns*
16�ns*
333ns*
66�ns
1.33μs
2.67μs
5.33μs
Undefined
A/D Clock Period Examples
Controllingthepoweron/offfunctionoftheA/Dconvertercircuitryisimplementedusingthe
ADOFFbitintheADCR0register.ThisbitmustbezerotopowerontheA/Dconverter.Whenthe
ADOFFbitisclearedtozerotopowerontheA/Dconverterinternalcircuitryacertaindelay,as
indicatedinthetimingdiagram,mustbeallowedbeforeanA/Dconversionisinitiated.Evenifno
pinsareselectedforuseasA/DinputsbyclearingtheACE3~ACE0bitsintheACERregister,if
theADOFFbitiszerothensomepowerwillstillbeconsumed.Inpowerconsciousapplicationsit
isthereforerecommendedthattheADOFFissethightoreducepowerconsumptionwhentheA/D
converterfunctionisnotbeingused.
ThereferencevoltagesupplytotheA/DConvertercanbesuppliedfromeitherthepositivepower
supplypin,VDD,orfromanexternalreferencesourcessuppliedonpinVREF.Thedesiredselection
ismadeusingtheVREFSbit.AstheVREFpinispin-sharedwithotherfunctions,whentheVREFS
bitissethigh,theVREFpinfunctionwillbeselectedandtheotherpinfunctionswillbedisabled
automatically.
A/D Input Pins
AlloftheA/Danaloginputpinsarepin-sharedwiththeI/OpinsonPA3~PA0aswellasother
functions.TheACE3~ACE0bitsintheACERregisterdetermineswhethertheinputpinsaresetup
asA/Dconverteranaloginputsorwhethertheyhaveotherfunctions.IftheACE3~ACE0bitsforits
correspondingpinissethighthenthepinwillbesetuptobeanA/Dconverterinputandtheoriginal
pinfunctionsdisabled.Inthisway,pinscanbechangedunderprogramcontroltochangetheir
functionbetweenA/Dinputsandotherfunctions.Allpull-highresistors,whicharesetupthrough
registerprogramming,willbeautomaticallydisconnectedifthepinsaresetupasA/Dinputs.Note
thatitisnotnecessarytofirstsetuptheA/DpinasaninputinthePACportcontrolregistertoenable
theA/DinputaswhentheACE3~ACE0bitsenableanA/Dinput,thestatusoftheportcontrol
registerwillbeoverridden.
TheA/DconverterhasitsownreferencevoltagepinVREFhoweverthereferencevoltagecan
alsobesuppliedfromthepowersupplypin,achoicewhichismadethroughtheVREFSbitinthe
ADCR1register.TheanaloginputvaluesmustnotbeallowedtoexceedthevalueofVREF.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com