Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HT66F005 Datasheet(PDF) 72 Page - Holtek Semiconductor Inc

Part # HT66F005
Description  Cost-Effective A/D Flash MCU with EEPROM
PDF  109 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT66F005 Datasheet(HTML) 72 Page - Holtek Semiconductor Inc

Back Button HT66F005 Datasheet HTML 68Page - Holtek Semiconductor Inc HT66F005 Datasheet HTML 69Page - Holtek Semiconductor Inc HT66F005 Datasheet HTML 70Page - Holtek Semiconductor Inc HT66F005 Datasheet HTML 71Page - Holtek Semiconductor Inc HT66F005 Datasheet HTML 72Page - Holtek Semiconductor Inc HT66F005 Datasheet HTML 73Page - Holtek Semiconductor Inc HT66F005 Datasheet HTML 74Page - Holtek Semiconductor Inc HT66F005 Datasheet HTML 75Page - Holtek Semiconductor Inc HT66F005 Datasheet HTML 76Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 72 / 109 page
background image
Rev. 1.30
��
���i� ��� �01�
Rev. 1.30
�3
���i� ��� �01�
HT66F005/HT66F006
Cost-Effective A/D Flash MCU with EEPROM
HT66F005/HT66F006
Cost-Effective A/D Flash MCU with EEPROM
A/D Converter Data Registers – ADRL, ADRH
Asthedevicescontainaninternal12-bitA/Dconverter,theyrequiretwodataregisterstostorethe
convertedvalue.Theseareahighbyteregister,knownasADRH,andalowbyteregister,known
asADRL.Aftertheconversionprocesstakesplace,theseregisterscanbedirectlyreadbythe
microcontrollertoobtainthedigitisedconversionvalue.Asonly12bitsofthe16-bitregisterspace
isutilised,theformatinwhichthedataisstorediscontrolledbytheADRFSbitintheADCR0
registerasshownintheaccompanyingtable.D0~D11aretheA/Dconversionresultdatabits.Any
unusedbitswillbereadaszero.
ADRFS
ADRH
ADRL
7
6
5
4
3
2
1
0
7
6
5
4
3
2
1
0
0
D11 D10 D9 D8 D� D6 D5 D4 D3 D� D1 D0
0
0
0
0
1
0
0
0
0
D11 D10 D9 D8 D� D6 D5 D4 D3 D� D1 D0
A/D Data Registers
A/D Converter Control Registers – ADCR0, ADCR1, ACER
TocontrolthefunctionandoperationoftheA/Dconverter,threecontrolregistersknownasADCR0,
ADCR1andACERareprovided.These8-bitregistersdefinefunctionssuchastheselectionof
whichanalogchannelisconnectedtotheinternalA/Dconverter,thedigitiseddataformat,theA/
DclocksourceaswellascontrollingthestartfunctionandmonitoringtheA/Dconverterendof
conversionstatus.TheACS1~ACS0bitsintheADCR0registerandACS4bitistheADCR1register
definetheADCinputchannelnumber.Asthedevicecontainsonlyoneactualanalogtodigital
converterhardwarecircuit,eachoftheindividual4analoginputsmustberoutedtotheconverter.It
isthefunctionoftheACS4andACS1~ACS0bitstodeterminewhichanalogchannelinputpinsor
internal1.25VisactuallyconnectedtotheinternalA/Dconverter.
TheACERcontrolregistercontainstheACE3~ACE0bitswhichdeterminewhichpinsonPA0~PA3
areusedasanaloginputsfortheA/DconverterinputandwhichpinsarenottobeusedastheA/D
converterinput.SettingthecorrespondingbithighwillselecttheA/Dinputfunction,clearingthe
bittozerowillselecteithertheI/Oorotherpin-sharedfunction.Whenthepinisselectedtobean
A/Dinput,itsoriginalfunctionwhetheritisanI/Oorotherpin-sharedfunctionwillberemoved.In
addition,anyinternalpull-highresistorsconnectedtothesepinswillbeautomaticallyremovedifthe
pinisselectedtobeanA/Dinput.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com