Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HT66F019 Datasheet(PDF) 69 Page - Holtek Semiconductor Inc

Part # HT66F019
Description  A/D Flash MCU with EEPROM
PDF  175 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT66F019 Datasheet(HTML) 69 Page - Holtek Semiconductor Inc

Back Button HT66F019 Datasheet HTML 65Page - Holtek Semiconductor Inc HT66F019 Datasheet HTML 66Page - Holtek Semiconductor Inc HT66F019 Datasheet HTML 67Page - Holtek Semiconductor Inc HT66F019 Datasheet HTML 68Page - Holtek Semiconductor Inc HT66F019 Datasheet HTML 69Page - Holtek Semiconductor Inc HT66F019 Datasheet HTML 70Page - Holtek Semiconductor Inc HT66F019 Datasheet HTML 71Page - Holtek Semiconductor Inc HT66F019 Datasheet HTML 72Page - Holtek Semiconductor Inc HT66F019 Datasheet HTML 73Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 69 / 175 page
background image
Rev. 1.00
68
De�e��e� 01� �01�
Rev. 1.00
69
De�e��e� 01� �01�
HT66F019
A/D Flash MCU with EEPROM
HT66F019
A/D Flash MCU with EEPROM
• CTMRP Register
Bit
7
6
5
4
3
2
1
0
Na�e
CTRP�
CTRP6
CTRP5
CTRP4
CTRP3
CTRP�
CTRP1
CTRP0
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
POR
0
0
0
0
0
0
0
0
Bit7~0
CTRP7~CTRP0:CTMCCRP8-bitregister,comparedwiththeCTMCounterbit15~bit8
ComparatorPMatchPeriod=
0:65536CTMclocks
1~255:256×(1~255)CTMclocks
TheseeightbitsareusedtosetupthevalueontheinternalCCRP8-bitregister,which
arethencomparedwiththeinternalcounter’shighesteightbits.Theresultofthis
comparisoncanbeselectedtocleartheinternalcounteriftheCTCCLRbitissetto
zero.SettingtheCTCCLRbittozeroensuresthatacomparematchwiththeCCRP
valueswillresettheinternalcounter.AstheCCRPbitsareonlycomparedwiththe
highesteightcounterbits,thecomparevaluesexistin256clockcyclemultiples.
Clearingalleightbitstozeroisineffectallowingthecountertooverflowatits
maximumvalue.
Compact Type TM Operating Modes
TheCompactTypeTMcanoperateinoneofthreeoperatingmodes,CompareMatchOutputMode,
PWMOutputModeorTimer/CounterMode.TheoperatingmodeisselectedusingtheCTM1and
CTM0bitsintheCTMC1register.
Compare Match Output Mode
Toselectthismode,bitsCTM1andCTM0intheCTMC1register,shouldbesetto"00"
respectively.Inthismodeoncethecounterisenabledandrunningitcanbeclearedbythree
methods.Theseareacounteroverflow,acomparematchfromComparatorAandacomparematch
fromComparatorP.WhentheCTCCLRbitislow,therearetwowaysinwhichthecountercanbe
cleared.OneiswhenacomparematchoccursfromComparatorP,theotheriswhentheCCRPbits
areallzerowhichallowsthecountertooverflow.HerebothCTMAFandCTMPFinterruptrequest
flagsfortheComparatorAandComparatorPrespectively,willbothbegenerated.
IftheCTCCLRbitintheCTMC1registerishighthenthecounterwillbeclearedwhenacompare
matchoccursfromComparatorA.However,hereonlytheCTMAFinterruptrequestflagwillbe
generatedevenifthevalueoftheCCRPbitsislessthanthatoftheCCRAregisters.Thereforewhen
CTCCLRishighnoCTMPFinterruptrequestflagwillbegenerated.IftheCCRAbitsareallzero,
thecounterwilloverflowwhenitsreachesitsmaximum16-bit,FFFFHex,value,howeverherethe
CTMAFinterruptrequestflagwillnotbegenerated.
Asthenameofthemodesuggests,afteracomparisonismade,theCTMoutputpinwillchange
state.TheCTMoutputpinconditionhoweveronlychangesstatewhenaCTMAFinterruptrequest
flagisgeneratedafteracomparematchoccursfromComparatorA.TheCTMPFinterruptrequest
flag,generatedfromacomparematchoccursfromComparatorP,willhavenoeffectontheCTM
outputpin.ThewayinwhichtheCTMoutputpinchangesstatearedeterminedbytheconditionof
theCTIO1andCTIO0bitsintheCTMC1register.TheCTMoutputpincanbeselectedusingthe
CTIO1andCTIO0bitstogohigh,togolowortotogglefromitspresentconditionwhenacompare
matchoccursfromComparatorA.TheinitialconditionoftheCTMoutputpin,whichissetupafter
theCTONbitchangesfromlowtohigh,issetupusingtheCTOCbit.NotethatiftheCTIO1and
CTIO0bitsarezerothennopinchangewilltakeplace.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com