Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HT66F019 Datasheet(PDF) 32 Page - Holtek Semiconductor Inc

Part # HT66F019
Description  A/D Flash MCU with EEPROM
PDF  175 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT66F019 Datasheet(HTML) 32 Page - Holtek Semiconductor Inc

Back Button HT66F019 Datasheet HTML 28Page - Holtek Semiconductor Inc HT66F019 Datasheet HTML 29Page - Holtek Semiconductor Inc HT66F019 Datasheet HTML 30Page - Holtek Semiconductor Inc HT66F019 Datasheet HTML 31Page - Holtek Semiconductor Inc HT66F019 Datasheet HTML 32Page - Holtek Semiconductor Inc HT66F019 Datasheet HTML 33Page - Holtek Semiconductor Inc HT66F019 Datasheet HTML 34Page - Holtek Semiconductor Inc HT66F019 Datasheet HTML 35Page - Holtek Semiconductor Inc HT66F019 Datasheet HTML 36Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 175 page
background image
Rev. 1.00
3�
De�e��e� 01� �01�
Rev. 1.00
33
De�e��e� 01� �01�
HT66F019
A/D Flash MCU with EEPROM
HT66F019
A/D Flash MCU with EEPROM
EEPROM Data Memory
ThisdevicecontainsanareaofinternalEEPROMDataMemory.EEPROMisbyitsnatureanon-
volatileformofre-programmablememory,withdataretentionevenwhenitspowersupplyis
removed.Byincorporatingthiskindofdatamemory,awholenewhostofapplicationpossibilities
aremadeavailabletothedesigner.TheavailabilityofEEPROMstorageallowsinformationsuch
asproductidentificationnumbers,calibrationvalues,specificuserdata,systemsetupdataorother
productinformationtobestoreddirectlywithintheproductmicrocontroller.Theprocessofreading
andwritingdatatotheEEPROMmemoryhasbeenreducedtoaverytrivialaffair.
EEPROM Data Memory Structure
TheEEPROMDataMemorycapacityis64×8bitsforthedevice.UnliketheProgramMemoryand
RAMDataMemory,theEEPROMDataMemoryisnotdirectlymappedintomemoryspaceand
isthereforenotdirectlyaddressableinthesamewayastheothertypesofmemory.ReadandWrite
operationstotheEEPROMarecarriedoutinsinglebyteoperationsusinganaddressandadata
registerinBank0~Bank1andasinglecontrolregisterinBank1.
EEPROM Registers
ThreeregisterscontroltheoveralloperationoftheinternalEEPROMDataMemory.Thesearethe
addressregister,EEA,thedataregister,EEDandasinglecontrolregister,EEC.AsboththeEEA
andEEDregistersareaccessableinallbanks,theycanbedirectlyaccessedinthesamewayasany
otherSpecialFunctionRegisterwhicharelocatedinBank0.TheEECregister,however,onlybeing
locatedinBank1,canbereadfromorwrittentoindirectlyusingtheMP1MemoryPointerand
IndirectAddressingRegister,IAR1.BecausetheEECcontrolregisterislocatedataddress40Hin
Bank1,theMP1MemoryPointermustfirstbesettothevalue40HandtheBankPointerregister,
BP,settothevalue,01H,beforeanyoperationsontheEECregisterareexecuted.
Register
Name
Bit
7
6
5
4
3
2
1
0
EEA
—
—
EEA5
EEA4
EEA3
EEA�
EEA1
EEA0
EED
D�
D6
D5
D4
D3
D�
D1
D0
EEC
—
—
—
—
WREN
WR
RDEN
RD
EEPROM Register List
• EEA Register
Bit
7
6
5
4
3
2
1
0
Na�e
—
—
EEA5
EEA4
EEA3
EEA�
EEA1
EEA0
R/W
—
—
R/W
R/W
R/W
R/W
R/W
R/W
POR
—
—
0
0
0
0
0
0
Bit7~6
Unimplemented,readas"0"
Bit5~0
EEA5~EEA0:DataEEPROMaddress
DataEEPROMaddressbit5~bit0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com